Electronic Components Datasheet Search
  English  ▼

X  

BC846B Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # BC846B
Description  Ideally suited for automatic insertion
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

BC846B Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  BC846B Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . BC846B Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . BC846B Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . BC846B Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
BC846
BC847
BC848
VCBO
IC= 10µA, IE=0
80
50
30
V
Collector-emitter breakdown voltage
BC846
BC847
BC848
VCEO
IC= 10mA, IB=0
65
45
30
V
Emitter-base breakdown voltage
VEBO
IE= 10µA, IC=0
6
V
Collector cut-off current
BC846
BC847
BC848
ICBO
VCB=70 V , IE=0
VCB=50 V , IE=0
VCB=30 V , IE=0
0.1
µA
Collector cut-off current
BC846
BC847
BC848
ICEO
VCE=60 V , IB=0
VCE=45 V , IB=0
VCE=30 V , IB=0
0.1
µA
Emitter cut-off current
IEBO
VEB=5 V ,
IC=0
0.1
µA
DC current gain
BC846A,847A,848A
BC846B,847B,848B
BC847C,BC848C
hFE
110
200
VCE= 5V, IC= 2mA
420
220
450
800
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB= 5mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA, IB= 5mA
1.1
V
Transition frequency
fT
VCE= 5 V, IC= 10mA
f=100MHz
100
MHz
Collector output capacitance
Cob
VCB=10V, f=
1MHz
4.5
pF
BC846
BC84
7
110
450
800
110
C84xx-SERIES
B
TRANSISTOR(NPN)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com