Electronic Components Datasheet Search
  English  ▼

X  

0050 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG

Part # 0050
Description  Pneumatikzylinder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0050 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG

  0050 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0050 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0050 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0050 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Seite 2/4
0049 / 0050
Druckangaben [bar]1)
Kolben-
doppeltwirkender Zylinder
einfachwirkender Zylinder
durchmesser
Druckkraft bei
6 bar
Zugkraft
bei 6 bar
Druckkraft
bei 6 bar
min. Zugkraft [N]
bei Hub [mm]
max. Zugkraft
[mm]
[N]
[N]
[N]
10
25
50
[N]
8
27,1
24
20
4,8
4
3,2
5,3
10
42,4
38
35
4,8
4
3,2
5,3
12
61
54
50
6,3
5,4
3,9
6,9
16
109
98
90
13,1
11,8
9,7
14
20
170
153
148
18,1
16,4
13,4
19,4
25
265
238
250
22,9
21,1
17,7
23,9
Abmessungen [mm] (entsprechend DIN 6432)
1) Druckangaben [bar]: Überdruck zum Atmosphärendruck
Kolben-
durch-
messer
[mm]
AA1
B
C
D
E
F
G
K
L
M
N
P
R
8
M4
4
M12x1,25
16
8
4
12
64
16
12
86
6
46
M5
10
M4
4
M12x1,25
16
8
4
12
64
16
12
86
6
46
M5
12
M6
6
M16x1,5
19
12
6
16
75
22
18
104
9
48
M5
16
M6
6
M16x1,5
19
12
6
16
82
22
18
109
9
53
M5
20
M8
8
M22x1,5
27
16
8
20
95
24
20
131
12
67
G1/8
25
M10x1,25
10
M22x1,5
30
16
8
22
104
28
22
140
12
68
G1/8
D
C
M+Hub
R
FK
L
P+Hub
N
L
G+Hub



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com