Electronic Components Datasheet Search
  English  ▼

X  

2052 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 2052
Description  Position feedback unit for pneumatic rotary actuators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2052 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 2052 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Type 1061
13 | 15
Visit product website 
Ordering chart
Technical Data
Without solenoid valve
With 3/2-way solenoid valve
With 5/2-way solenoid valve
Limit switch
Manufacturer
Pepperl+Fuchs
Pepperl+Fuchs
Pepperl+Fuchs
Type
NBB2-V3-E2 inductive sensor
NBB2-V3-E2 inductive sensor
NBB2-V3-E2 inductive sensor
Contacts
Gold
Gold
Gold
Plug-in card
ASi, 2 inputs, 1 output
ASi, 2 inputs, 1 output
ASi, 2 inputs, 1 output
Operating voltage
26.5…31 V DC
26.5…31 V DC
26.5…31 V DC
System connection
ASi cable connector
M12 connector, male, 4-pin
ASi cable connector
M12 connector, male, 4-pin
ASi cable connector
M12 connector, male, 4-pin
Terminals
Screw terminals up to 1.5 mm2
Screw terminals up to 1.5 mm2
Screw terminals up to 1.5 mm2
Ambient temperature
- 25 °C…60 °C
- 10 °C…55 °C
- 10 °C…55 °C
Solenoid valve
Bürkert Type
–
Type 6524 Article no. 302827  Type 6525 Article no. 302828 
Ways
–
3/2
5/2
Operating voltage
24 V DC1.)
24 V DC
24 V DC
Nominal power
Max. 2.4 W 1.)
0.8 W
0.8 W
Orifice
–
4 mm
4 mm
Supply/exhaust air
–
G ¼, G ⅛
G ¼, G ⅛
Article no.
ASi cable connector
773150 
773147 
773148 
M12 connector
773293 
773290 
773291 
1.) If an external solenoid valve is connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com