Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8644
Description  Pressure measuring device / Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8644 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8644 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Visit product website 
DATA SHEET
Type 8644
Remote Process Actu-
ation Control System
AirLINE
Type 8802
ELEMENT continuous
control valve systems -
overview
Type 6213
Servo-assisted 2/2 way
diaphragm valve
1000011110 | Standard | EU | en | 202203 | 17
Pressure measuring device / Switch
• Indication, monitoring, transmitting and continuous or On/Off con-
trol in one device
• Output signal 4…20 mA, 2-wire for continuous control
• Transistor or relay outputs for On/Off control or alarm function
This intelligent mini transmitter/switch with an extra-large display is specially
designed to switch alarms and to establish a monitoring system or an On/Off
control loop.
The switching points can be programmed with the three-key keypad under
the display. In addition, the process value can be transmitted to the PLC
(4…20 mA).
The connection to the process in the piping is made using standard fittings
(G ½", NPT ½", Rc ½").
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8311
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8644

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8644 ETC2-8644 Datasheet
367Kb / 1P
LEVER ACTION PC CARD EJECTORS
logo
Christian Bürkert GmbH ...
8644 BURKERT-8644 Datasheet
1Mb / 20P
Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
8644 BURKERT-8644 Datasheet
1Mb / 39P
Insertion flowmeter/batch controller with paddle wheel and flow transmitter/remote batch controller
12.01.2024
8644 BURKERT-8644 Datasheet
1Mb / 13P
Insertion flowmeter with paddle wheel, ELEMENT design
11.12.2023
8644 BURKERT-8644 Datasheet
823Kb / 15P
Flowmeter/Threshold detector with paddle wheel
15.12.2023
More results

Similar Description - 8644

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS8 COPAL-PS8 Datasheet
146Kb / 3P
Pressure Switch
logo
Testo SE & Co. KGaA
TESTO510 TESTO-TESTO510 Datasheet
596Kb / 2P
Differential pressure measuring instrument
TESTO-511 TESTO-TESTO-511 Datasheet
1Mb / 2P
Absolute pressure measuring instrument
TESTO622 TESTO-TESTO622 Datasheet
258Kb / 2P
Humidity/temperature/pressure measuring instrument
TESTO511 TESTO-TESTO511 Datasheet
1Mb / 2P
Absolute pressure measuring instrument
TESTO324 TESTO-TESTO324 Datasheet
728Kb / 4P
Pressure and leakage measuring instrument
logo
Festo Corporation.
8000210 FESTO-8000210 Datasheet
111Kb / 1P
Pressure switch
152616 FESTO-152616 Datasheet
91Kb / 1P
Pressure switch
7/13/22
159259 FESTO-159259 Datasheet
97Kb / 1P
Pressure switch
7/13/22
192488 FESTO-192488 Datasheet
103Kb / 2P
Pressure switch
7/13/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com