Electronic Components Datasheet Search
  English  ▼

X  

6524 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 6524
Description  Modular valve island for pneumatics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6524 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 6524 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 6524 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 6524 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 6524 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 6524 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 6524 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 6524 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 6524 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 6524 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Type 8640
13 | 32
Visit product website 
3.
Circuit functions
3.1. Standard functions
Symbol
Description
2(A)
1(P)
3(R)
12
Circuit function C (CF C)
3/2-way solenoid valve
Servo-controlled, with manual override
Normally closed
4
1
5
14
2
1
3
12
Circuit function C (CF C)
2 x 3/2-way solenoid valve
Servo-controlled, with manual override
Normally closed
2(B)
1(P)
3(R)
10
Circuit function D (CF D)
3/2-way solenoid valve
Servo-controlled, with manual override
Normally open
14
12
4
2
5 1 3
Circuit function H (CF H)
5/2-way solenoid valve
Servo-controlled, with manual override
Pressure applied via port (1), therefore one of the two ports (2) or (4) is under pressure.
14
12
4 2
5 1 3
Circuit function L (CF L)
5/3-way solenoid valve
With manual override
In middle position all ports locked
14
12
4
2
5 1 3
Circuit function N (CF N)
5/3-way solenoid valve
With manual override
In middle position ports 2 and 4 exhausted
14
12
4
2
5 1 3
Circuit function Z (CF Z)
5/2-way solenoid valve
Impulse version with 2 coils and manual override
Pressure applied via port (1), therefore one of the two ports (2) or (4) is under pressure.
3.2. SIA variant
Symbol
Description
12
2(A)
1(P)
3(R)
Circuit function C (CF C)
3/2-way solenoid valve
Servo-controlled
Normally closed
4
1
5
14
2
1
3
12
Circuit function C (CF C)
2 x 3/2-way solenoid valve
Servo-controlled
Normally closed
2(B)
1(P)
3(R)
10
Circuit function D (CF D)
3/2-way solenoid valve
Servo-controlled
Normally open
14
12
2(B)
4(A)
1(P)
3(R)
Circuit function G (CF G)
4/2-way solenoid valve
Servo-controlled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com