Electronic Components Datasheet Search
  English  ▼

X  

6013 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 6013
Description  Mass Flow Controller for Gases (MFC)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6013 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 6013 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Product Enquiry Form
Mass Flow Controller for gases
1 | 2
Visit this product area on the website 
© Christian Bürkert GmbH & Co. KG, subject to change
Product Enquiry Form - Mass Flow Controller For Gases
Thank you for your interest in our products! In order to provide you with optimum advice, please fill out the following form and send it to your Bürkert
representative or e-mail address: info@burkert.com. All information submitted will of course be kept strictly confidential.
Please fill in the required fields!
*
*Note: The interactive functions of this PDF may be restricted depending on the PDF reader used.
Personal Information
Company
Contact person
Customer no.
Department
Street
Postcode / Town
Telephone no.
Email
Delivery
MFC Application
MFM Application
Quantity
Required delivery date
Medium data
Type of gas or gas mixture
Medium temperature
ºC
/
ºF
Ambient temperature
ºC
/
ºF
Fluidic data
Flow range Q
Nom
Min.
Max.
unit
Ref. N1.)
Ref. S1.)
Inlet pressure at Q
Nom
2.)
p
1
=
barg3.)
Outlet pressure at Q
Nom
p
2
=
barg3.)
Max. inlet pressure
p
1max =
barg3.)
Port connection
Compression fitting
Subbase
Vacuum fitting
Thread:
G (DIN ISO 228/1)
NPT (ANSI B1.2)
¼"
⅜"
½"
¾"
1"
Installation
horizontal, valve upright
vertical, upward flow
horizontal, valve horizontal
vertical, downward flow4.)
1.) Reference conditions: Ref. N: T=0°C, P=1,013 bar(a); Ref. S: T=20°C, P=1,013 bar(a)
2.) Corresponds to the calibration pressure
3.) Please indicate all pressure values as overpressure to atmospheric pressure [barg] (g = relative pressure)
4.) Possible reduction of the setting range to 1:10 for a vertical downwards flow
Material specifications
Body
Aluminium
Stainless steel
Seals
FKM
EPDM
Electrical data
IP protection
Yes (IP65)
No (IP20 or better)
Control / Communication
Note:
Please choose one of the following op-
tions!
Normsignal
CANopen/büS
PROFIBUS DP
Industrial Ethernet
0 … 5 V
CANopen
PROFINET
0 … 10 V
büS
Ethernet IP
0 … 20 mA
Modbus TCP
4 … 20 mA
EtherCAT
Connection
Note:
Please choose one of the following op-
tions!
D Sub socket
M12 socket
D Sub socket
(RJ45 always standard)
Terminal block
Terminal block
M12 socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com