Electronic Components Datasheet Search
  English  ▼

X  

0330 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 0330
Description  Mass Flow Controller for Gases (MFC)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0330 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  0330 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Visit product website 
DATA SHEET
Type 6606
2/2 or 3/2 way Rock-
er-Solenoid Valve with
separating diaphragm
Type 6013
Plunger valve 2/2 way
direct-acting
Type 0330
Direct-acting 2/2 or
3/2 way pivoted arma-
ture valve
Type 6027
Direct-acting 2/2 way
plunger valve
1000017527 | Standard | EU | en | 202106 | 13
Mass Flow Controller for Gases (MFC)
• Nominal flow ranges from 0.010 l
N/min to 80 lN/min
• High accuracy and repeatability
• Very fast settling times
• Optional: Fieldbus interface
The mass flow controller (MFC) Type 8711 is suited for regulating the mass
flow of gases over a big flow range. The thermal MEMS sensor is located
directly in the gas stream and therefore reaches very fast response times. A
direct-acting proportional valve from Bürkert guarantees a high sensitivity.
The integrated PI controller ensures outstanding control characteristics of the
MFC. Type 8711 can optionally be calibrated for two different gases; the user
can switch between these two gases. As electrical interfaces both, analog
standard signals and fieldbuses are available. The mass flow controller type
8711 fits for various applications, like e.g. burner controls, heat treatment,
material coatings, bio reactors, fuel cell technology or test benches.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8711
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 0330

ManufacturerPart #DatasheetDescription
logo
Heyco.
0330 HEYCO-0330 Datasheet
73Kb / 1P
Nylon Push-In and Thick Panel Push-In Fasteners
logo
Christian Bürkert GmbH ...
0330 BURKERT-0330 Datasheet
1Mb / 24P
Direct-acting 2/2 or 3/2-way pivoted armature valve
25.03.2024
0330 BURKERT-0330 Datasheet
4Mb / 24P
Mass flow controller (MFC)/mass flow meter (MFM) for gases
06.03.2024
0330 BURKERT-0330 Datasheet
3Mb / 28P
Mass Flow Controller (MFC)/ Mass Flow Meter (MFM) for gases
16.02.2024
0330 BURKERT-0330 Datasheet
7Mb / 38P
Mass flow controller (MFC) / Mass flow meter (MFM) for gases
18.01.2024
More results

Similar Description - 0330

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AWM720P1 SENSORTECHNICS-AWM720P1 Datasheet
81Kb / 4P
Mass flow sensor for gases
AWM2150V SENSORTECHNICS-AWM2150V Datasheet
172Kb / 6P
Mass flow sensor for gases
AWM3150V SENSORTECHNICS-AWM3150V Datasheet
205Kb / 6P
Mass flow sensor for gases
AWM42300V SENSORTECHNICS-AWM42300V Datasheet
198Kb / 6P
Mass flow sensor for gases
AWM43300V SENSORTECHNICS-AWM43300V Datasheet
109Kb / 4P
Mass flow sensor for gases
AWM92100V SENSORTECHNICS-AWM92100V Datasheet
162Kb / 6P
Mass flow sensor for gases
FBAM030DU SENSORTECHNICS-FBAM030DU Datasheet
101Kb / 5P
Mass flow sensors for gases
FBOM030DB SENSORTECHNICS-FBOM030DB Datasheet
178Kb / 6P
Mass flow sensors for gases
FDUM200DB SENSORTECHNICS-FDUM200DB Datasheet
163Kb / 6P
Mass flow sensors for gases
FHAL200DU SENSORTECHNICS-FHAL200DU Datasheet
88Kb / 4P
Mass flow sensors for gases
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com