Electronic Components Datasheet Search
  English  ▼

X  

5502UG Datasheet(PDF) 2 Page - Belden Inc.

Part # 5502UG
Description  Security & Sound, #22-4c, BC, CM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

5502UG Datasheet(HTML) 2 Page - Belden Inc.

  5502UG Datasheet HTML 1Page - Belden Inc. 5502UG Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bulk Cable Weight:
13 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor
Flammability / Reaction to Fire:
UL1685 UL Loading
NEC / UL Compliance:
Article 800, CM
CEC / C(UL) Compliance:
CM
European Directive Compliance:
EU CE Mark, EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
APAC Compliance:
China RoHS II (GB/T 26572-2011)
History
Update and Revision:
Revision Number: 0.294 Revision Date: 05-05-2023
Part Numbers
Variants
Item #
Color
UPC
5502UG U4FC500
Beige U4F
612825163442
5502UG U4FU1000 Beige U4F
612825163459
5502UG 006C1000
Blue, Light
612825163541
5502UG 006C500
Blue, Light
612825163558
5502UG 006U1000
Blue, Light
612825163565
5502UG 001C500
Brown
612825163466
5502UG 001U1000
Brown
612825163473
5502UG 008C1000
Gray
612825163602
5502UG 008C500
Gray
612825163619
5502UG 008U1000
Gray
612825163626
5502UG 008U500
Gray
612825163633
5502UG 005C1000
Green, Dark
5502UG 005C500
Green, Dark 612825163534
5502UG 003C1000
Orange
612825163480
5502UG 003C500
Orange
612825163497
5502UG 007C1000
Violet
612825163572
5502UG 007C500
Violet
612825163589
5502UG 007U1000
Violet
612825163596
5502UG 009C1000
White
612825163640
5502UG 009C500
White
612825163657
5502UG 009U1000
White
612825163664
5502UG 004C1000
Yellow
612825163503
5502UG 004C500
Yellow
612825163510
5502UG 004U1000
Yellow
612825163527
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com