Electronic Components Datasheet Search
  English  ▼

X  

B801 Datasheet(PDF) 4 Page - EPCOS

Part # B801
Description  Satellite Receiver Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B801 Datasheet(HTML) 4 Page - EPCOS

  B801 Datasheet HTML 1Page - EPCOS B801 Datasheet HTML 2Page - EPCOS B801 Datasheet HTML 3Page - EPCOS B801 Datasheet HTML 4Page - EPCOS B801 Datasheet HTML 5Page - EPCOS B801 Datasheet HTML 6Page - EPCOS B801 Datasheet HTML 7Page - EPCOS B801 Datasheet HTML 8Page - EPCOS B801 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Nov 20, 2002
SAW Components
B 801
479,50 MHz
Satellite Receiver Filter
Data Sheet
Characteristics of channel 2
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
Group delay aperture
0,25MHz
min.
typ.
max.
Insertion attenuation
479,50 MHz
α
—
22,3
25
dB
Reference level for the
following data
Center frequency
fc
478,50
479,50
480,50 MHz
Pass bandwidth
α
rel≤ 3 dB
B3dB
—
18,0
—
MHz
Relative attenuation
α
rel
470,50 MHz
—
2,9
4,7
dB
488,50 MHz
—
2,9
4,4
dB
Lower sidelobe
430,00 … 457,50 MHz
36,0
43,0
—
dB
Upper sidelobe
500,50 … 530,00 MHz
34,0
41,0
—
dB
Reflected wave signal suppression
0,13
µs … 2,0 µs after main pulse
40,0
45,0
—
dB
Amplitude ripple (p–p)
∆α
476,00 ... 483,00 MHz
—
0,2
0,6
dB
Group delay ripple (p–p)
∆τ
470,50 ... 488,50 MHz
—
11
18
ns
Impedance at 479,50 MHz
Input:
ZOUT = ROUT || COUT
—
0,59|| 3,5
—k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
0,06|| 5,6
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
– 86
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com