Electronic Components Datasheet Search
  English  ▼

X  

LEJ Datasheet(PDF) 10 Page - Sensata Technologies, Inc.

Part # LEJ
Description  HYDRAULIC-MAGNETIC CIRCUIT BREAKERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEJ Datasheet(HTML) 10 Page - Sensata Technologies, Inc.

Back Button LEJ Datasheet HTML 4Page - Sensata Technologies, Inc. LEJ Datasheet HTML 5Page - Sensata Technologies, Inc. LEJ Datasheet HTML 6Page - Sensata Technologies, Inc. LEJ Datasheet HTML 7Page - Sensata Technologies, Inc. LEJ Datasheet HTML 8Page - Sensata Technologies, Inc. LEJ Datasheet HTML 9Page - Sensata Technologies, Inc. LEJ Datasheet HTML 10Page - Sensata Technologies, Inc. LEJ Datasheet HTML 11Page - Sensata Technologies, Inc. LEJ Datasheet HTML 12Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Page 10
www.sensata.com
Copyright © 2020 Sensata Technologies, Inc.
Percentage of Rated Current vs Trip Time in Seconds at +25°C (Vertical Mount)
Delay
100%
125%
150%
200%
400%
600%
800%
1000%
61
No Trip
.700 to 12
35 to 7.0
.130 to 3.0
030 to 1
.015 to .3
.01 to .15
.008 to .1
62
No Trip
10 to 120
6 to 60
2 to 25
.2 to 3.0
.015 to 2
.015 to .8
.01 to .25
63
No Trip
50 to 700
30 to 400
10 to 150
1.5 to 20
.015 to 10
.013 to .85
.013 to .5
69
No Trip
0.120 max
0.100 max
0.050 max
0.022 max
0.017 max
0.017 max
0.017 max
Inrush Pulse Tolerance
Delay
Pulse Tolerance
61, 62, 63
10 times rated current (approx)
Typical Resistance / Impedance
Current Ratings
(Amps)
Impedance
AC, 50/60Hz (ohms)
61, 62, 63, 69
2.00
0.29
5.00
0.051
10.0
0.016
20.0
0.006
PERCENTAGE OF RATED CURRENT VS TRIP TIME IN SECONDS
DCR and Impedance based on 100%
rated current applied and stabilized
for a minimum of one hour. Tolerance
.05-2.5 amperes ± 20%: 2.6 -20
amperes ± 25%.
Consult factory for special values
and for coil impedance of delays not
shown.
The table above provides a comparison
of inrush pulse tolerance for each of the
50/60Hz delays. Pulse tolerance is defined as
a single pulse of half sine wave peak current
amplitude of 8 milliseconds duration that will
not trip the circuit breaker. Consult Sensata
Technologies for further assistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com