Electronic Components Datasheet Search
  English  ▼

X  

PS80 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # PS80
Description  AUTOMATIC RESET PRESSURE SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

PS80 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  PS80 Datasheet HTML 1Page - Sensata Technologies, Inc. PS80 Datasheet HTML 2Page - Sensata Technologies, Inc. PS80 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
Copyright © 2023 Sensata Technologies, Inc.
www.sensata.com
DIMENSIONS
All dimensions in millimeters [inches].
(Additional configurations are available. Contact Sensata.)
ORDERING OPTIONS
Example : PS80 - K1 - F00305
Series Name
Connections / Configurations
Fitting / Termination / Pressure Range
K1 = Normally Closed, Leaded
K2 = Normally Open, Leaded
K3 = Normally Closed, Quick Connect
K4 = Normally Open, Quick Connect
F = Disk Type
Blank = Welded Disk
F = Free Disk
f = Fitting (Pressure Connection)
0 = 7/16-20 UNF-2B (Female Flare w/ deflator)
1 = 1/8 - 27 NPTF
3 = Copper Clad SS TIF Tube
Contact factory for other options
t = Termination (Electrical Connection)
0 = Quick Connect
2 = 18” wire leads
7 = 48” wire leads
Contact factory for other options
pp = Pressure Range (two digits)
20 psi actuation / 5 psi release up to
750 psi actuation / 50 psi release
Contact factory for other options
PS80
KC
Fftpp
** The highest pressure a switch can be exposed to without influencing the set-point.
Note: Leaded devices can be exposed to moisture not for use while immersed.
Electrical Connection
Wire Lead
Quick Connect
Contact Factory for additional options
Ambient Temperature (UL Rating)
-20ºF to 176ºF / (-29ºC to 80ºC)
Fluid Temperature (UL Rating)
-65ºF to 275ºF (-54ºC to 135ºC)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com