Electronic Components Datasheet Search
  English  ▼

X  

PSA Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # PSA
Description  2 TO 35 AMP PRECISION THERMAL CIRCUIT BREAKER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

PSA Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  PSA Datasheet HTML 1Page - Sensata Technologies, Inc. PSA Datasheet HTML 2Page - Sensata Technologies, Inc. PSA Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
TRIP CURVE
DIMENSIONS
All dimensions are in inches [mm]
Approximate Time, Current Characteristics At 77°F (25°C)
PSM (10 AMPS OR LESS)
PSM (OVER 10 AMPS)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com