Electronic Components Datasheet Search
  English  ▼

X  

SLA Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # SLA
Description  35 TO 150 AMP COMMERCIAL THERMAL CIRCUIT BREAKER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SLA Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  SLA Datasheet HTML 1Page - Sensata Technologies, Inc. SLA Datasheet HTML 2Page - Sensata Technologies, Inc. SLA Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
www.sensata.com
Copyright © 2021 Sensata Technologies, Inc.
| S SERIES (SLA, SDLA, SDLM)
35 TO 150 AMP COMMERCIAL THERMAL CIRCUIT BREAKER
SPECIFICATIONS
The KLIXON® S series thermal breakers are designed to protect wiring and meet the harshest environmental requirements. The sealed circuit breakers are
weatherproof for protection against moisture, dust, grease, fuel vapors and other harsh environments. The S series breakers are lightweight and designed
to interrupt short circuits or overloads and combine trip-free protection with fast response time. Typical applications are protection of wire and cable of
accessory circuits, equipment and battery protection on heavy trucks, buses, construction equipment, offroad vehicles, marine, recreational vehicles (RVs)
and electric (hybrid) vehicles, and battery chargers.
The S series is available in both open and sealed body configurations with manual and automatic reset options.
Features
Introduction
• 30VDC, 35 to 150 Amps
• Open and sealed assemblies, manual and automatic reset options
• Ignition protected
• UL Recognized E69772
Calibration : 200% rated current, 77°F
(25°C)
35 to 150 Amps : 8 to 100 seconds
Ultimate Trip At 77°F (25°C)
Must hold 100%, Must trip 135%
Endurance
Per SAE J1625
Interrupt Current Capacity
Per SAE J1625 and ABYC E-11
Vibration
10G MIL-STD-202 Method 204, Condition A
Mechanical Shock
Per SAE J1455, 4G’s, 10-2K Hz
Voltage Breakdown
Per SAE J1625 500VAC
Salt Spray
Per SAE J1625, 96 hours
Voltage Drop
Per SAE J1625
Weight (with mounting nuts)
SDLM (A) : 75 grams (71 grams) max
SLA : 62 grams max


Similar Part No. - SLA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SLA MACOM-SLA Datasheet
399Kb / 4P
SLA Series ??Cabinets and Signal/Data/Control Filters
logo
Surge Components
SLA SURGE-SLA Datasheet
485Kb / 1P
rohs compliance
logo
Ningbo songle relay co....
SLA SONGLERELAY-SLA Datasheet
3Mb / 2P
Miniature volume, PCB usage
logo
Sanyou Corporation Limi...
SLA SANYOU-SLA Datasheet
98Kb / 4P
Miniature High Power Relay
logo
Automatic Timing & Cont...
SLA ATC-SLA Datasheet
367Kb / 3P
Phase Monitors
More results

Similar Description - SLA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1140-F111-P1M1-10A ETC1-1140-F111-P1M1-10A Datasheet
116Kb / 4P
Thermal Overcurrent Circuit Breaker
logo
Schurter Inc.
T9-311C-4A SCHURTER-T9-311C-4A Datasheet
222Kb / 4P
Resettable Thermal Circuit Breaker
TA35-EFCTF005 SCHURTER-TA35-EFCTF005 Datasheet
3Mb / 6P
Thermal Circuit Breaker
logo
Tyco Electronics
2-1393249-1 MACOM-2-1393249-1 Datasheet
225Kb / 3P
P&B Push To Reset Only Thermal Circuit Breaker
2-1393249-4 MACOM-2-1393249-4 Datasheet
225Kb / 3P
P&B Push To Reset Only Thermal Circuit Breaker
W58-XB1A4A-8 MACOM-W58-XB1A4A-8 Datasheet
225Kb / 3P
P&B Push To Reset Only Thermal Circuit Breaker
logo
Schneider Electric
CU12L400CB150 SCHNEIDER-CU12L400CB150 Datasheet
94Kb / 2P
CU12L400CB W/150 AMP BREAKER
HGL36070AB SCHNEIDER-HGL36070AB Datasheet
140Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, Circuit breaker, PowerPact H, thermal magnetic,
Jul 27, 2020
logo
PHOENIX CONTACT
102774 PHOENIX-102774 Datasheet
197Kb / 3P
Thermal Circuit Breaker
11/2006
100212 PHOENIX-100212 Datasheet
175Kb / 3P
Thermal Circuit Breaker
11/2006
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com