Electronic Components Datasheet Search
  English  ▼

X  

B1618 Datasheet(PDF) 2 Page - EPCOS

Part # B1618
Description  RF Filter For Dual Conversion
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1618 Datasheet(HTML) 2 Page - EPCOS

  B1618 Datasheet HTML 1Page - EPCOS B1618 Datasheet HTML 2Page - EPCOS B1618 Datasheet HTML 3Page - EPCOS B1618 Datasheet HTML 4Page - EPCOS B1618 Datasheet HTML 5Page - EPCOS B1618 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Aug 12, 2004
SAW Components
B1618
1216,00 MHz
RF Filter For Dual Conversion
SMD package QCC8D
Features
s
Low loss RF filter for dual conversion
s
Usable passband 8 MHz
s
No matching network required for operation
at 200
Ω
s
Balanced to balanced operation
s
Low group delay ripple
s
Ceramic package for Surface Mounted
Technology (SMT)
Terminals
s
Ni, gold-plated
Dimensions in mm, approx. weight 0,037 g
Pin configuration
1
Input
2
Input
5
Output
6
Output
3,7
To be grounded
4,8
Case – ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking
Packing
according to
B1618
B39122-B1618-U810
C61157-A7-A72
F61074-V8168-Z000
Maximum ratings
Operable temperature range
T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0V
Source power
PS
0
dBm
source and load impedance 200
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com