Electronic Components Datasheet Search
  English  ▼

X  

B1706 Datasheet(PDF) 2 Page - EPCOS

Part # B1706
Description  Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1706 Datasheet(HTML) 2 Page - EPCOS

  B1706 Datasheet HTML 1Page - EPCOS B1706 Datasheet HTML 2Page - EPCOS B1706 Datasheet HTML 3Page - EPCOS B1706 Datasheet HTML 4Page - EPCOS B1706 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Mar 14, 2005
SAW Components
B1706
259,86 MHz
Bandpass Filter
Preliminary Data
SMD ceramic package QCC12C
00
00
00
00
11
11
11
11
00
00
00
00
11
11
11
11
00
00
00
00
11
11
11
11
00
00
00
00
11
11
11
11
00
00
00
00
11
11
11
11
000
000
000
000
111
111
111
111
00
00
00
00
11
11
11
11
000
000
000
000
111
111
111
111
000
000
000
000
111
111
111
111
000
000
000
000
000
000
111
111
111
111
111
111
000
000
000
000
000
111
111
111
111
111
00
00
00
00
00
11
11
11
11
11
00
00
00
00
00
11
11
11
11
11
side view
7,0
top view
2,54
2
8
0,6
3
1
7
bottom view
9
Features
s
IF filter for digital satellite radio
s
Constant group delay
s
Ceramic package for Surface Mounted
Technology (SMT)
Terminals
s
Ni, gold-plated
Dimensions in mm, approx. weight 0,2 g
Pin configuration
10
Input
12
Input
4
Output
6
Output
3,9
Case – ground
1,7
To be grounded
2,8
Ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B1706
B39261-B1706-H310
C61157-A7-A95
F61074-V8170-Z000
Maximum ratings
Operable temperature range
TA
–40 /+85
˚C
Storage temperature range
Tstg
–40 /+85
˚C
DC voltage
VDC
0
V
between any terminals
Source power
PS
0
dBm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com