Electronic Components Datasheet Search
  English  ▼

X  

B1707 Datasheet(PDF) 7 Page - EPCOS

Part # B1707
Description  SAW IF filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1707 Datasheet(HTML) 7 Page - EPCOS

Back Button B1707 Datasheet HTML 2Page - EPCOS B1707 Datasheet HTML 3Page - EPCOS B1707 Datasheet HTML 4Page - EPCOS B1707 Datasheet HTML 5Page - EPCOS B1707 Datasheet HTML 6Page - EPCOS B1707 Datasheet HTML 7Page - EPCOS B1707 Datasheet HTML 8Page - EPCOS B1707 Datasheet HTML 9Page - EPCOS B1707 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
May 16, 2006
B1707
76.50 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Matching network (based on four port measurement, quality factors QL = 40, QC = 90)
Maximum ratings
Operable temperature range T
–40 / +105 ˚C
Storage temperature range
Tstg
–40 / +105 ˚C
DC voltage
VDC
0
V
Source power
PS
10
dBm
source impedance 50
Ω
Ls1 = 430 nH
Lp2 = 820 nH
Ls3 = 560 nH
Ls1
Lp2
Ls3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com