Electronic Components Datasheet Search
  English  ▼

X  

C1815 Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # C1815
Description  Power dissipation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

C1815 Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  C1815 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . C1815 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . C1815 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURE
Power dissipation
MARKING :
HF
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
150
mA
PC
Collector Power Dissipation
200
mW
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC= 100µA,
IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 0.1mA,
IB=0
50
V
Collector cut-off current
ICBO
VCB=60V,
IE=0
0.1
µA
Collector cut-off current
ICEO
VCE=50V,
IB=0
0.1
µA
Emitter cut-off current
IEBO
VEB= 5V,
IC=0
0.1
µA
DC current gain
hFE
VCE= 6V,
IC= 2mA
200
400
Collector-emitter saturation voltage
VCE(sat)
IC=100mA,
IB= 10mA
0.25
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA,
IB= 10mA
1
V
Transition frequency
fT
VCE=10V,
IC= 1mA,
f=30MHz
80
MHz
1.BASE
SOT-23
2.EMITTER
3.COLLECTOR
C1815
TRANSISTOR(NPN)


Similar Part No. - C1815

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
C1815 TOSHIBA-C1815 Datasheet
212Kb / 3P
Silicon NPN Epitaxail Type(for Audio Frequency General Purpose Amplifier Applications)
10-Apr-1997
logo
Unisonic Technologies
C1815 UTC-C1815 Datasheet
61Kb / 2P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
logo
Fairchild Semiconductor
C1815 FAIRCHILD-C1815 Datasheet
44Kb / 4P
Audio Frequency Amplifier & High Frequency OSC
logo
Hi-Sincerity Mocroelect...
C1815 HSMC-C1815 Datasheet
35Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Micro Electronics
C1815 MICRO-ELECTRONICS-C1815 Datasheet
168Kb / 2P
NPN SILICON TRANSISTOR
More results

Similar Description - C1815

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UPD75217CW ETC-UPD75217CW Datasheet
714Kb / 19P
POWER DISSIPATION
logo
Nanjing International G...
C1815 DGNJDZ-C1815 Datasheet
1Mb / 2P
Power dissipation
logo
Ohmite Mfg. Co.
ACL-FPA600 OHMITE-ACL-FPA600 Datasheet
243Kb / 2P
Power Dissipation
logo
Shenzhen Luguang Electr...
1N5333B LUGUANG-1N5333B Datasheet
3Mb / 5P
POWER DISSIPATION
logo
SHIKUES Electronics
2SB709A SKTECHNOLGY-2SB709A Datasheet
2Mb / 3P
Power Dissipation
MMBD2838 SKTECHNOLGY-MMBD2838 Datasheet
383Kb / 2P
Power dissipation
MMBTA13 SKTECHNOLGY-MMBTA13 Datasheet
1Mb / 4P
Power dissipation
PZT2222A SKTECHNOLGY-PZT2222A Datasheet
1Mb / 4P
Power dissipation
S9011 SKTECHNOLGY-S9011 Datasheet
440Kb / 2P
Power dissipation
S9013 SKTECHNOLGY-S9013 Datasheet
525Kb / 2P
Power dissipation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com