Electronic Components Datasheet Search
  English  ▼

X  

MMBT4403 Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # MMBT4403
Description  TRANSISTOR (PNP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

MMBT4403 Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  MMBT4403 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . MMBT4403 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . MMBT4403 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-1
10
100
1000
-1
-10
-100
-0.1
-10
1
1
-1
-10
0
25
50
75
100
125
150
0
100
200
300
400
-0.0
-1.2
-0.1
-1
-10
-100
-1
-0.0
-0.4
-0.8
-1.2
-0
-6
-0
-50
-100
-150
-200
-250
-0.4
-0.8
BASE-EMMITER VOLTAGE V
BE (V)
h
FE
——
COMMON EMITTER
V
CE=-2V
T
a=100
℃
T
a=25
℃
-10
-100
COLLECTOR CURRENT I
C
(mA)
I
C
-30
-300
-3
-10
-30
-100
COLLECTOR CURRENT I
C
(mA)
β
=10
T
a=25
℃
T
a=100
℃
-2
-4
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-700
-600
50
10
-30
C
ob
C
ib
-1
REVERSE VOLTAGE V (V)
f=1MHz
I
E=0/IC=0
T
a=25
℃
C
ob/ Cib
——
V
CB/ VEB
-100
-600
-30
V
CE=-10V
T
a=25
℃
-3
-10
COLLECTOR CURRENT I
C
(mA)
AMBIENT TEMPERATURE T
a
(℃)
P
C
—— T
a
I
C
—— V
BE
-600
T
a=25
℃
T
a=100
℃
COMMON EMITTER
V
CE=-2V
-600
-3
β
=10
-10
-30
-100
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
-600
V
BEsat
——
I
C
Static Characteristic
-1mA
-0.9mA
-0.8mA
-0.7mA
-0.6mA
-0.5mA
-0.4mA
-0.3mA
-0.2mA
I
B=-0.1mA
COMMON
EMITTER
T
a=25
℃
V
CEsat
—— I
C
f
T
—— I
C
Typical Characteristics
MMB T4403
TRANSISTOR (PNP)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com