Electronic Components Datasheet Search
  English  ▼

X  

S9012 Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # S9012
Description  TRANSISTOR(PNP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

S9012 Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  S9012 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . S9012 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . S9012 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Complementary to S9013
Excellent hFE linearity
MARKING: 2T1
MAXIMUM RATINGS (T
A=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-25
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-500
mA
PC
Collector Power Dissipation
300
mW
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC= -100µA,
IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -1mA,
IB=0
-25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100µA,
IC=0
-5
V
Collector cut-off current
ICBO
VCB=-40V,
IE=0
-0.1
µA
Collector cut-off current
ICEO
VCE=-20V,
IB=0
-0.1
µA
Emitter cut-off current
IEBO
VEB= -5V,
IC=0
-0.1
µA
DC current gain
hFE
VCE=-1V,
IC= -50mA
120
200
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA,
IB= -50mA
-0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=-500mA,
IB= -50mA
-1.2
V
Transition frequency
fT
VCE=-6V,
IC= -20mA
f=30MHz
150
MHz
Collector output capacitance
Cob
VCB=
-10V, IE=0, f=1MHz
5
pF
BASE
SOT-23
EMITTER
COLLECTOR
S9012
TRANSISTOR(PNP)


Similar Part No. - S9012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9012 ETC-S9012 Datasheet
940Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Weitron Technology
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
PNP General Purpose Transistors
logo
Galaxy Semi-Conductor H...
S9012 BILIN-S9012 Datasheet
184Kb / 4P
PNP Silicon Epitaxial Planar Transistor
Rev.A
logo
Daya Electric Group Co....
S9012 DAYA-S9012 Datasheet
175Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Shenzhen Jin Yu Semicon...
S9012 HTSEMI-S9012 Datasheet
774Kb / 2P
TRANSISTOR(PNP)
More results

Similar Description - S9012

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com