Electronic Components Datasheet Search
  English  ▼

X  

SS8550 Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # SS8550
Description  Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SS8550 Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  SS8550 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SS8550 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . SS8550 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-200
-300
-900
-1000
-0.1
-1
-10
-100
-1000
-0.0
-0.5
-4.5
-5.0
-0
-20
-40
-60
-80
-100
-120
-140
-160
-180
-0.1
-1
-10
-100
-1000
-200
-300
-400
-500
-600
-700
-800
-900
-1000
-0.1
-1000
10
100
-10
1
-1
-1000
-1
-10
-100
-1000
-1
-100
10
100
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
VCE=-1V
Ta=25℃
Ta=100
oC
V
BE
——
I
C
1mA
0.9mA
0.8mA
0.7mA
0.6mA
0.5mA
0.4mA
0.3mA
0.2mA
I
B=0.1mA
Static Characteristic
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
β=10
Ta=25℃
Ta=100℃
COLLECTOR CURRENT I
C
(mA)
V
BEsat
——
I
C
Ta=100℃
Ta=25℃
500
V
CE=-1V
I
C
h
FE
—
—
C
ob
C
ib
100
-0.2
f=1MHz
I
E=0/ IC=0
Ta=25
oC
C
ob
/ C
ib
—— V
CB
/ V
EB
20
-1
REVERSE VOLTAGE V (V)
Ta=25℃
0.2
Ta=100℃
β=10
-10
-100
COLLECTOR CURRENT I
C
(mA)
-1
-10
-100
COLLECTOR CURRENT I
C
(mA)
-10
COLLECTOR CURRENT I
C
(mA)
VCE-10V
Ta=25
oC
-400
-500
-600
-700
-800
BASE-EMMITER VOLTAGE V
BE
(mV)
500
Pc
——
Ta
AMBIENT TEMPERATURE Ta (℃)
V
CEsat
—
—
I
C
fT
——
I
C
Typical Characteristics
 
TRANSISTOR(PNP)
 
S8550
S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com