Electronic Components Datasheet Search
  English  ▼

X  

AS7225-BLGT Datasheet(PDF) 49 Page - OSRAM GmbH

Part # AS7225-BLGT
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7225-BLGT Datasheet(HTML) 49 Page - OSRAM GmbH

Back Button AS7225-BLGT Datasheet HTML 45Page - OSRAM GmbH AS7225-BLGT Datasheet HTML 46Page - OSRAM GmbH AS7225-BLGT Datasheet HTML 47Page - OSRAM GmbH AS7225-BLGT Datasheet HTML 48Page - OSRAM GmbH AS7225-BLGT Datasheet HTML 49Page - OSRAM GmbH AS7225-BLGT Datasheet HTML 50Page - OSRAM GmbH AS7225-BLGT Datasheet HTML 51Page - OSRAM GmbH AS7225-BLGT Datasheet HTML 52Page - OSRAM GmbH AS7225-BLGT Datasheet HTML 53Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
Document Feedback
AS7225
Register Description
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 48
10.2.20
Calibrated DUV Result Register (Address 0x38:0x3B)
Figure 70:
Calibrated DUV Result Register
Addr: 0x38:0x3B
DUV
Bit
Bit Name
Default
Access
Bit Description
31:0
DUV
-
R
Calibrated DUV data (4-byte
floating point)
10.2.21
Calibrated LUX Result Registers (Addresses 0x3C, 0x3D)
These byte registers are used together as LUX_H: LUX_L.
They create a 16-bit integer value for calibrated LUX.
Example 0000001111101000 = 1000 Lux
Figure 71:
Calibrated LUX Result Register High
Addr: 0x3C
LUX_H
Bit
Bit Name
Default
Access
Bit Description
15:8
LUX_H
-
R
Measured LUX data, high
byte
Figure 72:
Calibrated LUX Result Register Low
Addr: 0x3D
LUX_L
Bit
Bit Name
Default
Access
Bit Description
7:0
LUX_L
-
R
Measured LUX data, low
byte
10.2.22
Calibrated CCT Result Registers (Addresses 0x3E, 0x3F)
These byte registers are used together as CCT_H: CCT_L.
They create a 16-bit integer value for sensed CCT in Kelvin.
Example: 0000101110111000 = 3000 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com