Electronic Components Datasheet Search
  English  ▼

X  

TCS35303-2 Datasheet(PDF) 74 Page - OSRAM GmbH

Part # TCS35303-2
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS35303-2 Datasheet(HTML) 74 Page - OSRAM GmbH

Back Button TCS35303-2 Datasheet HTML 70Page - OSRAM GmbH TCS35303-2 Datasheet HTML 71Page - OSRAM GmbH TCS35303-2 Datasheet HTML 72Page - OSRAM GmbH TCS35303-2 Datasheet HTML 73Page - OSRAM GmbH TCS35303-2 Datasheet HTML 74Page - OSRAM GmbH TCS35303-2 Datasheet HTML 75Page - OSRAM GmbH TCS35303-2 Datasheet HTML 76Page - OSRAM GmbH TCS35303-2 Datasheet HTML 77Page - OSRAM GmbH TCS35303-2 Datasheet HTML 78Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 106 page
background image
Datasheet, Public
Page 73
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Register Overview
MOD_CALIB_CFG2 Register
Figure 103:
MOD_CALIB_CFG2
Note(s):
1. Return to the Register Map (0xE2).
Addr: 0xE2
MOD_CALIB_CFG2
Bit
Field
Reset
Type
Bit Description
7
MOD_CALIB_NTH_
ITERATION_RC_
ENABLE
1R/W
Enables a residual calibration during the nth iteration.
Please observe that this residual calibration feature
only makes sense for modulators which are enabled in
the first sequences step, since a gain calibration only
happens in the first sequencer step.
6
MOD_CALIB_NTH_
ITERATION_AZ_
ENABLE
1
R/W
Enables auto-zero calibration during the nth iteration.
5
MOD_CALIB_NTH_
ITERATION_AGC_
ENABLE
0R/W
Enables AGC calibration during the nth iteration.
Please observe in this case, that MOD_CALIB_NTH_
ITERATION_STEP_ENABLE must be “0” otherwise AGC
will not be properly executed.
4
MOD_CALIB_
RESIDUAL_ENABLE_
AUTO_CALIB_ON_
GAIN_CHANGE
1R/W
Enables an automatic re-calibration in case of a
change in gain. This recalibration is executed at the
beginning of each sequencer step.
3:0
MOD_CALIB_
RESIDUAL_AVERAGE_
ROUNDS
0011
R/W
Defines the number of averaging rounds during
residual calibrations.
0000b: No averaging
0001b: 2 averaging rounds
0010b: 3 averaging rounds
….
1111b: 16 averaging rounds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com