Electronic Components Datasheet Search
  English  ▼

X  

TCS3771 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # TCS3771
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3771 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button TCS3771 Datasheet HTML 7Page - OSRAM GmbH TCS3771 Datasheet HTML 8Page - OSRAM GmbH TCS3771 Datasheet HTML 9Page - OSRAM GmbH TCS3771 Datasheet HTML 10Page - OSRAM GmbH TCS3771 Datasheet HTML 11Page - OSRAM GmbH TCS3771 Datasheet HTML 12Page - OSRAM GmbH TCS3771 Datasheet HTML 13Page - OSRAM GmbH TCS3771 Datasheet HTML 14Page - OSRAM GmbH TCS3771 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-31] 2018-Apr-04
TCS3771 − Electrical Characteristics
Figure 10:
Proximity Characteristics, VDD = 3V, TA = 25°C, Gain = 16, PEN = 1 (unless otherwise noted)
Note(s):
1. The specified light intensity is 100% modulated by the pulse output of the device so that during the pulse output low time, the light
intensity is at the specified level, and 0 otherwise.
2. Proximity Operating Distance is dependent upon emitter properties and the reflective properties of the proximity surface. The
nominal value shown uses an IR emitter with a peak wavelength of 850nm and a 20° half angle. The proximity surface used is a 90%
reflective (white surface) 16 × 20-inch Kodak Gray Card. 60mw/SR, 100mA, 64 pulses, open view (no glass). Greater distances are
achievable with appropriate system considerations.
Figure 11:
Wait Characteristics, VDD = 3V, TA = 25°C, Gain = 16, WEN = 1 (unless otherwise noted)
Parameter
Test Conditions
Condition
Min
Typ
Max
Unit
IDD
Supply current
LDR pulse on
3
mA
ADC conversion time
step size
PTIME = 0xFF
2.27
2.4
2.56
ms
ADC number of
integration steps
1256
Steps
ADC counts per step
0
1023
Counts
IR LED pulse count
0
255
Pulses
LED pulse period
Two or more pulses
14
μs
LED pulse width - LED
on time
6.3
μs
LED drive current
ISINK sink current @
600mV, LDR pin
PDRIVE = 0
80
106
132
mA
PDRIVE = 1
50
PDRIVE = 2
25
PDRIVE = 3
12.5
Dark count value
Ee = 0, PTIME = 0xFB, PPULSE = 2
900
Counts
Red channel
λP = 850nm, Ee = 45.3μW/cm
2,
PTIME = 0xFB, PPULSE = 2 (1)
1000
3000
Counts
Clear channel
λP = 850nm, Ee = 45.3μW/cm
2,
PTIME = 0xFB, PPULSE = 2 (1)
1000
3000
Counts
Operating distance (2)
30
Inches
Parameter
Test Conditions
Channel
Min
Typ
Max
Unit
Wait step size
WTIME = 0xFF
2.27
2.4
2.56
ms
Wait number of steps
1
256
Steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com