Electronic Components Datasheet Search
  English  ▼

X  

TCS37725 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # TCS37725
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37725 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button TCS37725 Datasheet HTML 16Page - OSRAM GmbH TCS37725 Datasheet HTML 17Page - OSRAM GmbH TCS37725 Datasheet HTML 18Page - OSRAM GmbH TCS37725 Datasheet HTML 19Page - OSRAM GmbH TCS37725 Datasheet HTML 20Page - OSRAM GmbH TCS37725 Datasheet HTML 21Page - OSRAM GmbH TCS37725 Datasheet HTML 22Page - OSRAM GmbH TCS37725 Datasheet HTML 23Page - OSRAM GmbH TCS37725 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
ams Datasheet
Page 19
[v1-01] 2018-Mar-14
Document Feedback
TCS3772 − Principles of Operation
Figure 25:
Proximity LED Current Driver Waveform
Figure 24 illustrates light rays emitting from an external IR LED,
reflecting off an object, and being absorbed by the proximity
photodiode.
Referring again to Figure 25, the reflected IR LED and the
background energy is integrated during the LED On time, then
during the LED Off time, the integrated background energy is
subtracted from the LED On time energy, leaving the external
IR LED energy to accumulate from pulse to pulse.
After the programmed number of proximity pulses have been
generated, the proximity ADC converts and scales the proximity
measurement to a 16-bit value, then stores the result in two
8-bit proximity data (PDATAx) registers. ADC scaling is
controlled by the proximity ADC conversion time (PTIME) which
is programmable from 1 to 256 2.4-ms time units. However,
depending on the application, scaling the proximity data will
equally scale any accumulated noise. Therefore, in general, it is
recommended to leave PTIME at the default value of one 2.4-ms
ADC conversion time (0xFF).
Once the first proximity cycle has completed, the proximity
valid (PVALID) bit in the Status register will be set and remain
set until the proximity detection function is disabled (PEN).
For additional information on using the proximity detection
function behind glass and for optical system design guidance,
please see available ams application notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com