Electronic Components Datasheet Search
  English  ▼

X  

RST100 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # RST100
Description  Time Lag Radial Lead Micro Fuse Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

RST100 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  RST100 Datasheet HTML 1Page - Bel Fuse Inc. RST100 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE LAST 2 PAGES
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Sy
t
il
i
b
a
.
R
.
I
@
t
l
o
V
/
e
g
n
a
r
p
m
A
5
7
3
2
1
3
.
o
N
e
t
a
ci
fi
tr
e
C
A
5
3
@
C
A
V
0
5
2
/
A
5
o
t
A
m
0
8
0
1
r
o
n
I
r
e
t
a
e
r
g
si
r
e
v
e
h
ci
h
w
2
6
1
6
0
0
0
4
.
o
N
e
s
n
e
ci
LA
5
3
@
C
A
V
0
5
2
/
A
5
2
.
1
o
t
A
m
0
8
4
4
1
1
1
0
0
4
.
o
N
e
s
n
e
ci
L
A
5
3
@
C
A
V
0
5
2
/
A
m
0
0
8
A
0
0
1
@
C
A
V
0
5
2
/
A
4
o
t
A
6
.
1
4
2
6
0
2
E
.
o
N
e
li
F
d
e
z
i
n
g
o
c
e
RA
0
0
1
@
C
A
V
7
7
2
/
A
3
.
6
o
t
A
m
0
8
1
0
0
1
-
7
0
0
1
3
-
7
3
0
1
T
E
J
.
o
N
e
li
F
d
e
v
o
r
p
p
AA
0
0
1
@
C
A
V
0
5
2
/
A
5
o
t
A
1
4
4
4
1
1
1
7
0
2
0
1
0
4
0
0
2
.
o
N
e
s
n
e
ci
L
A
5
3
@
C
A
V
0
5
2
/
A
5
o
t
A
m
0
8
0
1
r
o
n
I
r
e
t
a
e
r
g
si
r
e
v
e
h
ci
h
w
t
n
e
r
r
u
C
d
e
t
a
R
5
.
1
n
I
1
.
2
n
I
5
7
.
2
n
I
4 n
I
0
1 n
I
N
I
MX
A
MN
I
MX
A
MN
I
MX
A
MN
I
MX
A
M
A
3
.
6
o
t
A
m
0
8
e
vi
s
u
lc
n
i
1
.r
h
2
.
n
i
m
0
0
4
s
m
0
1
c
e
s
0
5
1
s
m
3
c
e
s
0
2
s
m
0
5
1
s
m
g
o
l
a
t
a
C
r
e
b
m
u
N
e
r
e
p
m
A
g
n
i
t
a
R
l
a
c
i
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
t
l
o
V
%
0
0
1
@
n
I
.
x
a
m
)
l
o
V
(
I
g
n
i
t
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
I
g
n
i
t
l
e
M
2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
i
t
a
p
i
s
s
i
D
)
W
(
0
8
T
S
RA
m
0
80
3
.
30
4
.
0
1
0
.
01
0
.
00
1
.
0
0
0
1
T
S
RA
m
0
0
10
2
.
25
3
.
0
2
0
.
02
0
.
01
1
.
0
5
2
1
T
S
RA
m
5
2
10
5
.
10
3
.
0
4
0
.
04
0
.
03
1
.
0
0
6
1
T
S
RA
m
0
6
10
0
.
16
2
.
0
7
0
.
06
0
.
05
1
.
0
0
0
2
T
S
RA
m
0
0
20
7
.
03
2
.
0
2
1
.
01
1
.
07
1
.
0
0
5
2
T
S
RA
m
0
5
20
5
.
02
2
.
0
8
3
.
01
4
.
09
1
.
0
5
1
3
T
S
RA
m
5
1
38
3
.
09
1
.
0
0
6
.
06
6
.
02
2
.
0
0
0
4
T
S
RA
m
0
0
48
2
.
06
1
.
00. 0
90
0
.
1
5
2
.
0
0
0
5
T
S
RA
m
0
0
51
1
2
.
05
1
.
0
5
.
1 00
7
.
1
9
2
.
0
0
3
6
T
S
RA
m
0
3
66
5
1
.
03
1
.
0
4
.
2 0
6
.
2 0
3
3
.
0
0
0
8
T
S
RA
m
0
0
85
1
1
.
02
1
.
0
7
.
3 0
2
.
4 0
8
3
.
0
1
T
S
RA
15
8
0
.
01
1
.
0
9
.
5 0
7
.
6 0
4
4
.
0
5
2
.
1
T
S
RA
5
2
.
13
6
0
.
00
1
.
0
3
.
9 0
7
.
0
1
0
1
5
.
0
6
.
1
T
S
RA
6
.
17
4
0
.
00
1
.
0
5
17
18
5
.
0
2
T
S
RA
25
3
0
.
00
9
0
.
0
3
27
27
6
.
0
5
.
2
T
S
RA
5
.
26
2
0
.
07
8
0
.
0
7
33
47
7
.
0
5
1
.
3
T
S
RA
5
1
.
39
1
0
.
03
8
0
.
0
8
59
68
8
.
0
4
T
S
RA
44
1
0
.
00
8
0
.
0
2
90
1
12
0
.
1
5
T
S
RA
50
1
0
.
07
7
0
.
0
5
4
15
7
17
1
.
1
3
.
6
T
S
RA
3
.
68
0
0
.
03
7
0
.
0
0
3
21
8
24
3
.
1
Approvals
RoHS Compliant Product
RoHS Wave Soldering Compatible : (260
°C, 10 sec max)
Environmental Specification
Shock Resistance
MIL-STD-202G, Method 213B, Condition I
(100 G’s peak for 6 milliseconds; Sawtooth Waveform)
Vibration Resistance
10-55 Hz x 3 axis/ no load (MIL-STD-202G, Method 201A)
Salt Spray Resistance
MIL-STD-202G, Method 101E, Condition B (48Hrs)
Solderability
MIL-STD-202G, Method 208H
Soldering Heat Resistance
MIL-STD-202G Method 210F, Test Condition C. Top Side
(260
°C, 20 sec)
Moisture Resistance
MIL-STD-202G, Method 106G
Operating Temperature
-55
°C to +125°C
Physical Specification
Materials
Base and Cover:
Black thermoplastic, UL 94-V0
Pins:
Tin plated copper alloy
Electrical Characteristics (IEC 127-3 STANDARD SHEET 4)
sd r pcc
d
c
s
r
p
Marking
On fuse:
“bel”,“T”,“Current Rating”,“250V” and “Appropriate Safety Logos”
On label:
“bel”,“RST”,“Current Rating”,“Voltage Rating”,“ Interrupting Rating”,
“Appropriate Safety Logos” and “
” for RoHS Version
Packaging
1. In bulk: 1,000 pcs per box.
2. On Tape: Ammo pack, 1,000 pcs per box per EIA-468-A and IEC-286-2
Type RST
Time Lag Radial Lead Micro Fuse Series
RSTD1005
ERSTD1005A1
RST
ø 0.6 ± 0.1
(0.024" ± 0.004")
5.08 ± 0.1
(0.200" ± 0.004")
0.5 min
4.3±0.3
Dimension in mm
ø 8.35 ± 0.10
7.7 ± 0.2
SHORT LEADS
4.00 ± 0.10
12.7 ± 0.3
ø0.6 ± 0.1
- 0
+2
9.0
6.35 ± 1.3
RoHS Compliant
Mechanical Dimensions
Consult manufacturer for other ratings
27


Similar Part No. - RST100

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
RST100 BEL-RST100 Datasheet
1Mb / 4P
TYPE RST
RST100 BEL-RST100 Datasheet
1Mb / 4P
TIME LAG RADIAL LEAD MICOR FUSE SERIES
More results

Similar Description - RST100

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MRT80 BEL-MRT80 Datasheet
96Kb / 2P
Time Lag Radial Lead Micro Fuse Series
0697-3150-02 BEL-0697-3150-02 Datasheet
1Mb / 4P
TIME LAG RADIAL LEAD MICRO FUSE SERIES
logo
CUI INC
RST80 CUI-RST80 Datasheet
1Mb / 4P
TIME LAG RADIAL LEAD MICRO FUSE SERIES
logo
Bel Fuse Inc.
MRT80 BEL-MRT80 Datasheet
1Mb / 4P
TYPE MRT TIME LAG RADIAL LEAD MICRO FUSE SERIES
0697W BEL-0697W Datasheet
2Mb / 4P
Time Lag Radial Lead Micro Fuse Series
RSTA BEL-RSTA Datasheet
2Mb / 4P
Time Lag Radial lead Micro Fuse Series
RST BEL-RST_16 Datasheet
1Mb / 4P
TIME LAG RADIAL LEAD MICOR FUSE SERIES
0697W1000-XX BEL-0697W1000-XX Datasheet
908Kb / 4P
Time Lag Radial Lead Micro Fuse Series
0697-0080-01 BEL-0697-0080-01 Datasheet
828Kb / 4P
Time Lag Radial Lead Micro Fuse Series
TYPEMRT BEL-TYPEMRT Datasheet
933Kb / 4P
Time Lag Radial Lead Micro Fuse Series
2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com