Electronic Components Datasheet Search
  English  ▼

X  

6402FE Datasheet(PDF) 1 Page - Belden Inc.

Part # 6402FE
Description  Security & Sound, #20-4c, BC, Shielded, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

6402FE Datasheet(HTML) 1 Page - Belden Inc.

  6402FE Datasheet HTML 1Page - Belden Inc. 6402FE Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 6402FE
Security & Sound, #20-4c, BC, Shielded, CMP
Product Description
Security & Sound Cable, Plenum-CMP, 4-20 AWG stranded bare copper conductors with Flamarrest® insulation, Beldfoil® shield and Flamarrest® jacket with
ripcord
Technical Specifications
Product Overview
Suitable Applications:
Security System, Intercom/PA, Audio/Speaker, Power-Limited Controls, Noisy Environment
Construction Details
Conductor
Element
No. of Elements Size Stranding
Material
Conductor(s) 4
20
7x28
BC - Bare Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
PVC - Polyvinyl Chloride 0.009 in (0.23 mm) 0.054 in (1.4 mm)
Black, Red, White, Green
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
22 AWG (7x30) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter Ripcord
PVC - Polyvinyl Chloride 0.015 in (0.38 mm) 0.164 in
Yes
Electrical Characteristics
Electricals
Nom. Conductor
DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
11.1 Ohm/1000ft
36 pF/ft (120 pF/m)
64.8 pF/ft (213 pF/m)
3 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
75°C
0°C To +75°C
Bend Radius
Stationary Min.
Installation Min.
1.64 in (41.7 mm) 1.64 in


Similar Part No. - 6402FE

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
6402 INTEL-6402 Datasheet
3Mb / 250P
Advanced Memory Buffer
logo
Alpha Wire
6402 ALPHAWIRE-6402 Datasheet
409Kb / 4P
24 (7/32) AWG Tinned Copper
logo
List of Unclassifed Man...
6402-0120 ETC1-6402-0120 Datasheet
12Mb / 97P
Wireless 8 Channel Analog Input Sensor Node
I
6402-0220 ETC1-6402-0220 Datasheet
12Mb / 97P
Wireless 8 Channel Analog Input Sensor Node
I
6402-0320 ETC1-6402-0320 Datasheet
12Mb / 97P
Wireless 8 Channel Analog Input Sensor Node
I
More results

Similar Description - 6402FE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6504FE BELDEN-6504FE Datasheet
247Kb / 2P
Security & Sound, #22-6c BC, Shielded, CMP
6201FE BELDEN-6201FE Datasheet
182Kb / 2P
Security & Sound, 3 Conductor 16 AWG BC, Shielded, CMP
11-09-2022
6301FE BELDEN-6301FE Datasheet
146Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, Shielded, CMP
04-13-2023
6200FE BELDEN-6200FE Datasheet
200Kb / 2P
Security & Sound, 2 Conductor 16 AWG BC, Shielded, CMP
04-13-2023
6400FE BELDEN-6400FE Datasheet
173Kb / 2P
Security & Sound, 2 Conductor 20 AWG BC, Shielded, CMP
03-29-2023
6500FE BELDEN-6500FE Datasheet
202Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMP
04-13-2023
4502FLW BELDEN-4502FLW Datasheet
155Kb / 2P
Security & Sound, #22-4c, BC, LSZH, Shielded, Cca
08-25-2023
6300FE BELDEN-6300FE Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Shielded, CMP
04-13-2023
6400UE BELDEN-6400UE Datasheet
163Kb / 2P
Security & Sound, 2 Conductor 20 AWG, BC, CMP
12-20-2022
6202FE BELDEN-6202FE Datasheet
141Kb / 2P
Security & Sound, 4 Conductor 16 AWG, BC, Shielded, CMP
04-13-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com