Electronic Components Datasheet Search
  English  ▼

X  

0262 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 0262
Description  Pneumatically operated 2/2 way Valve
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0262 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  0262 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0262 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0262 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0262 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0262 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0262 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0262 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0262 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Visit product website 
DATA SHEET
Type 6014
Plunger valve 3/2-way
direct-acting
Type 8640
Modular valve island for
pneumatics
Type 8644
AirLINE SP electropneu-
matic automation system
Standard | EU | en | 2023-12-13 | 04
Pneumatically operated 2/2 way Valve
• Stainless steel or brass body with threaded connection
• High service live
• Compact design
• Variant for steam applications available
The externally piloted 2-way valve is operated by a diaphragm actuator. A double
spindle seal guarantees high tightness and a high service live.
The compact actuator housing is made out of chemical resistant plastic and ideal
for customer specific multifunction block solutions.
This low maintenance and robust valve can be supplemented by a large accessory
program.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 0262
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 0262

ManufacturerPart #DatasheetDescription
logo
Lumberg
0262 LUMBERG-0262 Datasheet
498Kb / 4P
Quicklock circular connectors, IP67
logo
Littelfuse
0262.002V LITTELFUSE-0262.002V Datasheet
160Kb / 3P
262/268/269 Series, MICRO??Very Fast-Acting Fuse (High-Reliability)
0262.005V LITTELFUSE-0262.005V Datasheet
160Kb / 3P
262/268/269 Series, MICRO??Very Fast-Acting Fuse (High-Reliability)
0262.010V LITTELFUSE-0262.010V Datasheet
160Kb / 3P
262/268/269 Series, MICRO??Very Fast-Acting Fuse (High-Reliability)
0262.015V LITTELFUSE-0262.015V Datasheet
160Kb / 3P
262/268/269 Series, MICRO??Very Fast-Acting Fuse (High-Reliability)
More results

Similar Description - 0262

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT04-2P AMPHENOL-AT04-2P Datasheet
524Kb / 1P
Recpt, 2 Way
logo
Innovative Power Produc...
IPP-1025 IPP-IPP-1025 Datasheet
64Kb / 1P
OUTLINE 2 WAY
IPP-1092 IPP-IPP-1092 Datasheet
76Kb / 1P
OUTLINE 2 WAY
IPP-1141 IPP-IPP-1141 Datasheet
63Kb / 1P
OUTLINE 2 WAY
IPP-1188 IPP-IPP-1188 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1217 IPP-IPP-1217 Datasheet
61Kb / 1P
OUTLINE 2-WAY
IPP-1228 IPP-IPP-1228 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1241 IPP-IPP-1241 Datasheet
64Kb / 1P
OUTLINE 2-WAY
IPP-5006 IPP-IPP-5006 Datasheet
52Kb / 1P
OUTLINE 2-WAY
logo
Pulse A Technitrol Comp...
CX4002LNL PULSE-CX4002LNL Datasheet
300Kb / 2P
SPLITTER, 2-WAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com