Electronic Components Datasheet Search
  English  ▼

X  

6014 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 6014
Description  Pneumatically operated 2/2 way Valve
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6014 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  6014 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Type 0262
3 | 8
Visit product website 
1.
General technical data
Product properties
Dimensions
Further information can be found in chapter “5. Dimensions” on page 6.
Material
Body
Brass, stainless steel
Inner part of valve
Stainless steel
Actuator
Epoxy resin
Seal
NBR, FKM, PTFE/FKM, EPDM, PTFE/EPDM
Nominal diameter
DN 10…DN 25
Performance data
Pilot pressure
Further information can be found in chapter “6. Performance specifications” on page 7.
Medium data
Operating medium
With NBR
Neutral mediums, e.g. compressed air, natural gas, water, hydraulic oil
With FKM
Per-solution, oxygen, hot air
With EPDM
Oil and fat-free mediums, e.g. hot water, alkaline washing and bleaching lyes
With PTFE/EPDM
(PFTE seal with EPDM O-ring)
Oil and fat-free mediums, e.g. hot water and steam
With PTFE/FKM
(PTFE seal with FKM O-ring)
Hot oils, hydrocarbons, aromatics and steam
Medium temperature
With NBR
- 10 ºC…+ 90 ºC
With FKM
- 10 ºC…+ 100 ºC
With EPDM
- 10 ºC…+ 100 ºC
With PTFE/EPDM
- 10 ºC…+ 140 ºC
With PTFE/FKM
- 10 ºC…+ 140 ºC
Viscosity
Max. 100 mm2/s
Control medium
Neutral gases and liquids, in particular air, water, hydraulic liquids up to max. + 90 ºC
Approvals and conformities
Explosion protection
Further information can be found in chapter “3. Approvals and conformities” on page 4.
Environment and installation
Ambient temperature
- 10 ºC…+ 90 ºC
Installation position
As required, preferably with actuator upright
2.
Control functions
Symbol
Description
2 (P)
1 (A)
Control function A (CF A)
Pneumatically operated 2/2-way on/off valve
Flow direction below seat
Normally closed by spring force
2 (P)
1 (B)
Control function B (CF B)
Pneumatically operated 2/2-way on/off valve
Flow direction above seat
Normally opened by spring force
2(P)
1(A)
Control function I (CF I)
Pneumatically operated 2/2-way on/off valve on either side
Flow direction below seat
Switching position dependent on external control



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com