Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  Pneumatically operated 2/2 way Valve
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

  8640 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Type 0262
7 | 8
Visit product website 
6.
Performance specifications
6.1. Pressure range
Nominal diameter K
V value water
Port connection Operating pressure max.
Control
pressure max.
Weight
CF A,
normal spring
CF A, rein-
forced spring
CF B and CF I,
normal spring
[mm]
[m3/h] 1.)
[bar] 2.)
[bar] 2.)
[bar] 2.)
[bar] 2.)
[kg]
10
1.0
G ⅜
5.0
10
10
6
0.5
12
2.1
G ½
3.5
6
10
6
0.6
20
6.5
G ¾
–
1.5
1.5
6
1.0
25
10.0
G 1
–
1
1
6
1.4
1.) Measurement at + 20 °C, 1 bar at valve inlet and free discharge
2.) Pressure information: overpressure with respect to ambient pressure
6.2. Operating pressure/pilot pressure diagram
Control function B
Circuit function A, with
PTFE/... seal material
Pilot pressure [bar]
10
8
6
4
2
0
0
2
4
DN10/DN12
DN20
7. Ordering information
7.1. Bürkert eShop
Bürkert eShop – Easy ordering and quick delivery
You want to find your desired Bürkert product or spare part quickly and order directly? Our
online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
7.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and easily.
Try out our product filter



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com