Electronic Components Datasheet Search
  English  ▼

X  

2033 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2033
Description  Tank bottom diaphragm valve with pneumatic plastic actuator (Type CLASSIC)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2033 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2033 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2033 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2033 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2033 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2033 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2033 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2033 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2033 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2033 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Visit product website 
Type 2034
Multifunction block and
weld solution
Type 3233
2/2-way diaphragm
valve with manually
operated actuator
Type 8690
Pneumatic control for
decentralised auto-
mation of ELEMENT
process valves
Type 8697
Pneumatic control for
decentralised auto-
mation of ELEMENT
process valves
Standard | EU | en | 2023 - 09 - 11 | 05
Tank bottom diaphragm valve with pneumatic
plastic actuator (Type CLASSIC)
• Valve body and diaphragm are available in various materials and
variants
• Product wetted surfaces in Ra ≤ 0.38 µm…1.6 µm
(optionally electropolished)
• Available in all common connection sizes and variants
The externally controlled diaphragm valve Type 2033 consists of a pneumat-
ically operated piston actuator, a diaphragm and a tank bottom valve body.
The proven and robust actuator with a plastic housing ensures use in hygienic
or aggressive ambient conditions. The flow-efficient valve bodies with little
dead space enable high flow rates and a wide range of possible uses. The
valve body and the diaphragm are available in all common materials and
variants. The actuator has a compact, autoclavable design (PPS variant). The
integration of the automation units 8690/8697 is possible in all configuration
levels (can be retrofitted). An explosion-proof ATEX / IECEx device variant is
available.
The add-on body is optionally available in plastic or stainless steel. The ac-
tuator is equipped with an integrated, optical position indicator as standard,
optionally a min./max. stroke limiter can be installed.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
© Christian Bürkert GmbH & Co. KG, Subject to alteration
Type 2033
Pneumatically operated diaphragm
valve with CLASSIC actuator
DATA SHEET


Similar Part No. - 2033

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2033 ETC2-2033 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
logo
XFMRS Inc.
2033 XFMRS-2033 Datasheet
141Kb / 3P
HIGH SPEED SMT MAGNETIC MODULES
logo
Bourns Electronic Solut...
2033 BOURNS-2033 Datasheet
399Kb / 3P
Gas Discharge Tube Surge Protector
logo
Keystone Electronics Co...
2033 KEYSTONE-2033 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Tempo Communications, I...
2033 TEMPOCOMMUNICATIONS-2033 Datasheet
338Kb / 2P
Crimp & Terminate
More results

Similar Description - 2033

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
NPAK-0050 RALSTON-NPAK-0050 Datasheet
206Kb / 1P
NPAK tube connecting tank fill valve to "tank pressure" gauge
logo
Festo Corporation.
VUWG-L10-B52-M5 FESTO-VUWG-L10-B52-M5 Datasheet
90Kb / 2P
Pneumatic valve
VUWG-L10-M52-R-M5 FESTO-VUWG-L10-M52-R-M5 Datasheet
87Kb / 2P
Pneumatic valve
VUWG-L10A-B52-M3 FESTO-VUWG-L10A-B52-M3 Datasheet
88Kb / 2P
Pneumatic valve
VUWG-L10A-M52-M-M3 FESTO-VUWG-L10A-M52-M-M3 Datasheet
89Kb / 2P
Pneumatic valve
VUWG-L10A-P53E-M3 FESTO-VUWG-L10A-P53E-M3 Datasheet
89Kb / 2P
Pneumatic valve
VOFC-L-B52-G14-F19A FESTO-VOFC-L-B52-G14-F19A Datasheet
97Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-FG13-F19A FESTO-VOFC-LT-M32C-MC-FG13-F19A Datasheet
98Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19 FESTO-VOFC-LT-M32C-MC-G14-F19 Datasheet
89Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19A FESTO-VOFC-LT-M32C-MC-G14-F19A Datasheet
89Kb / 2P
Pneumatic valve
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com