Electronic Components Datasheet Search
  English  ▼

X  

3233 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 3233
Description  T-diaphragm valve with pneumatic plastic actuator (Type CLASSIC)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3233 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 3233 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Type 2032
6 | 16
Visit product website 
3.3. Example of available membrane materials
The diaphragms have been developed to meet the unique challenges of hygienic and sterile requirements. Bürkert offers diaphragms
with precise material composition and high accuracy. Bürkert diaphragms are available in a wide range of materials which have been
tested and proven in applications in the food and beverage, biotechnology, pharmaceutical and cosmetics industries. The dia-
phragms are tested during development and production to ensure reliability under difficult process conditions.
• EPDM (AD)
• PTFE/EPDM (EA)
• advanced PTFE/EPDM (EU)
• Gylon®/EPDM laminated (ER)
For further information please refer to our flyer “Diaphragm competence for hygienic applications” on our website .
4.
Dimensions
4.1. Actuator
CLASSIC actuator with interface for block mounting (MT85)
Note:
Dimensions in mm, unless otherwise stated
Diaphragm size 8…50
Diaphragm size 65…100
A
C
C
A
Diaphragm size
Actuator size Ø
Ø A
C
K
H
8
40(C)
53
34
G ⅛"
111
15
50(D)
64
39
G ⅛"
137
63(E)
80
52
G ¼"
154
20
63(E)
80
52
G ¼"
165
80(F)
101
52
G ¼"
186
25
63(E)
80
52
G ¼"
170
80(F)
101
60
G ¼"
190
40
100(G)
127
73
G ¼"
246
125(H)
158
86
G ¼"
284
50
100(G)
127
73
G ¼"
254
125(H)
158
86
G ¼"
288
65
175(K)
211
130
G ¼"
350
80
175(K)
211
130
G ¼"
350
225(L)
261
155
G ¼"
345
100
225(L)
261
155
G ¼"
345



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com