Electronic Components Datasheet Search
  English  ▼

X  

6519 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG

Part # 6519
Description  Pneumatic rotary drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6519 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG

  6519 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2051
p. 2/9
Ordering chart Torque ratings (in-lbs)
Spring return actuator (Control function A, B)
Air Torque Output at Operating Pressure - Psig
40
60
80
100
120
125
63
94
125
156
188
98124996
250
125
187
250
312
375
98124997
450
225
337
450
562
675
98124998
1000
500
750
1000
1250
1500
98124999
2250
1125
1687
2250
2812
3375
98125000
3650
1825
2738
3650
4563
5475
98125001
5000
2500
3750
5000
6250
7500
98125002
11000
5500
8250
11000
13750
16500
98125003
Air Torque Output at Operating Pressure - Psig
60
80
100
120
Start
End
Start
End
Start
End
Start
End
Start
End
125
R3
104
67
113
70
176
133
229
195
301
258
98124976
R4
140
90
88
31
151
93
213
156
276
218
98124977
450
R3
190
121
203
125
316
238
428
350
541
463
98124978
R4
254
162
158
54
271
167
383
279
496
392
98124979
1000
R3
418
270
449
278
698
526
947
775
1196
1025
98124980
R4
559
360
350
120
599
371
848
618
1097
867
98124981
2250
R3
990
590
1034
591
1596
1154
2159
1717
2722
2280
98124984
R4
1320
787
816
226
1379
788
2029
1351
2505
1914
98124986
3650
R3
1573
912
1726
996
2637
1907
3549
2819
4460
3730
98124988
R4
2091
1217
1388
423
2300
1335
3211
2246
4123
3157
98124989
5000
R3
2340
1180
2380
1200
3570
2400
4760
3590
5960
4780
98124990
R4
3130
1570
1980
414
3180
1600
4370
2800
5560
3990
98124991
11000
R3
5100
2570
5200
2650
7790
5240
10400
7840
13000
10400
98124992
R4
6790
3430
4330
932
6930
3530
9520
6130
12100
8730
98124993
Note: When selecting an actuator we suggest a 20% to 40% above the break torque of the valve (subject to the valve and operating conditions).
Double-acting actuator (Control function I)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com