Electronic Components Datasheet Search
  English  ▼

X  

8690 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8690
Description  Multifunction Block Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8690 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8690 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8690 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Type 2034
Block
3 | 13
Visit product website 
1.
General technical data
Product properties
Material
Body
Stainless steel 1.4435/316L (VH)1.)
Stainless steel 1.4435 acc. to BN2/ASME BPE, Fe < 0.5 % (VI)1.)
Others on request
Diaphragm
EPDM (AD)1.), PTFE/EPDM (EA)1.), advanced PTFE/EPDM (EU)1.),
Gylon®/EPDM laminated (ER)1.), advanced PTFE/EPDM laminated (EK)1.)
Actuator
ELEMENT (Type 2103)
PPS, cover in stainless steel 1.4561/316Ti, socle in stainless steel 1.4308
CLASSIC (Type 2031)
PPS, PA, socle in stainless steel 1.4308
Stainless steel/INOX (Type 2063)
Stainless steel 1.4404, socle in stainless steel 1.4308
Robolux (Type 2036)
1.4308 stainless steel (CF8)
Manual (Type 3233)
PPS/PPS, PPS/stainless steel (DN65, 80, 100 in stainless steel/stainless steel)
Nominal diameter
DN08…DN100
Standard surface quality
Internal mechanically polished 2.)
Ra ≤ 0.5 μm (ASME BPE SF1) (NO14) 1.)
Internal electrically polished 2.)
Ra ≤ 0.38 μm (ASME BPE SF4/DIN HE4) (NO17) 1.)
Automated components
Position feedback/control head/positioner/process controller
Performance data
Pilot pressure (max.)
See “5.1. Medium pressure” on page 10
Pilot air ports
Push-in connector Ø 6 mm/4 mm or ¼"; thread G ⅛"/G ¼"
Medium data
Medium
Neutral gases and fluids, highly purified, sterile, aggressive or abrasive medium
(see Resistance Chart )
Medium temperature
EPDM (AD)1.)
- 10…+ 143 °C (steam sterilisation + 150 °C for 60 min)
PTFE/EPDM (EA)1.)
- 10…+ 130 °C (steam sterilisation + 140 °C for 60 min)
Advanced PTFE/EPDM (EU)1.)
- 5…+ 143 °C (steam sterilisation + 150 °C for 60 min)
GYLON®/EPDM laminated (ER)1.)
- 5…+ 130 °C (steam sterilisation + 140 °C for 60 min)
Robolux medium temperature
EPDM (AD)1.)
+ 5…+ 130 °C (steam sterilisation + 140 °C for 60 min)
Advanced PTFE/EPDM laminated (EK)1.)
+ 5…+ 90 °C (not recommended for steam)
GYLON®/EPDM laminated (ER)1.)
- 5…+ 130 °C (steam sterilisation + 140 °C for 60 min)
Control medium
Neutral gases, air
Process/Port connection & communication
Nominal diameter2.)
DN06…DN100 (⅛"…4")
Port connections
Welded connection2.)
DIN EN ISO 1127/ISO 4200/DIN 11866 series B,
DIN 11850 series 2/DIN 11866 series A/DIN EN 10357 series A,
ASME BPE/DIN 11866 series C
Clamp connection2.)
DIN 32676 series A (DIN-pipe),
DIN 32676 series B (ISO-pipe),
ASME BPE
Environment and installation
Ambient temperature
ELEMENT
- 10…+ 60 °C
CLASSIC PPS ≤ 80 mm
+ 5…+ 140 °C
CLASSIC PPS 100 mm, 125 mm
+ 5…+ 90 °C (short-term up to + 140 °C)
CLASSIC PA ≤ 125 mm
- 10…+ 60 °C
CLASSIC PA ≥ 175 mm
- 10…+ 50 °C
Stainless steel/INOX
0…+ 80 °C
Robolux
0…+ 60 °C
1.) This information is part of the product key.
2.) Further versions on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com