Electronic Components Datasheet Search
  English  ▼

X  

3233 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 3233
Description  2/2-way diaphragm valve with pneumatic actuator in stainless steel (Type INOX)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3233 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 3233 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Type 2063
11 | 22
Visit product website 
4.4. Tube valve body (VP) with welded connection
Note:
• Dimensions in mm, unless otherwise stated
• For detailed information on the draining angle, please refer to the “Additional manual Type 2xxx 3xxx” on our website (see
operating instructions ).
L
Diaphragm size Port connection DN
Ø D1
s
L
h
H
Product key1.)
DIN EN ISO 1127/ISO 4200/DIN 11866 series B
8
8
13.5
1.6
90.0
9.85
16.6
SA40
8
10
17.2
1.6
90.0
11.70
20.3
SA41
15
15
21.3
1.6
110.0
14.35
25.0
SA42
20
20
26.9
1.6
119.0
17.15
30.45
SA43
25
25
33.7
2.0
129.0
20.55
37.4
SA44
32
32
42.4
2.0
148.0
25.10
46.3
SA45
40
40
48.3
2.0
161.0
29.35
53.5
SA46
50
50
60.3
2.0
192.0
35.35
65.50
SA47
DIN 11850 series 2/DIN 11866 series A/DIN EN 10357 series A
8
10
13
1.5
90
9.85
16.35
SD40
15
15
19
1.5
110
13.20
22.70
SD42
15
20
23
1.5
119
15.20
26.70
SD43
20
25
29
1.5
129
18.20
32.70
SD44
25
32
35
1.5
148
21.20
38.70
SD45
32
40
41
1.5
161
24.40
44.90
SD46
40
50
53
1.5
192
31.70
58.20
SD47
ASME BPE/DIN 11866 series C
8
½"
12.7
1.65
90.0
9.45
21.95
SA92
15
¾"
19.05
1.65
117.0
13.23
25.73
SA93
20
1"
25.4
1.65
127.0
16.40
41.65
SODF
32
1½"
38.1
1.65
159.0
22.95
48.20
SODH
40
2"
50.8
1.65
190
30.60
62.60
SODI
1.) This information is part of the product key (see “8.3. Bürkert Product Enquiry Form” on page 21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com