Electronic Components Datasheet Search
  English  ▼

X  

2052 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2052
Description  2/2 way Flanged Ball Valve in stainless steel, 2 pieces, DN 15…DN 200
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2052 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2052 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Visit product website 
DATA SHEET
Flange
1000361184 | Standard | EU | en | 202106 | 03
2/2 way Flanged Ball Valve in stainless steel,
2 pieces, DN 15…DN 200
• Low torques
• Maintenance friendly
• High flow rate
• Anti-Static
• ISO 5211 head flange
2/2 way Flanged Ball Valves in stainless steel used for separating medium
flow. The ball valves are equipped with a manual lever. However, they can be
connected via the mechanical interface (acc. to ISO 5211) with pneumatic (for
example, Type 2051, Type 2052, Type 2053) and electrical rotary actuators
(for example, Type 3003, Type 3004, Type 3005), too. The final position of
pneumatically actuated ball valves can be checked via the position feedback
box Type 1061. Next to this, the valves are available with different standard-
ized face-to-face dimensions (EN 558 - 1 series 1; EN 558 - 1 series 27).
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 2651
© Christian Bürkert GmbH & Co. KG, Subject to alteration
Type 2051
Pneumatic actuator
Type 2052
Electrical actuator
Type 3003
Electrical actuator
Type 3004
Electrical actuator
Type 3005
Electrical actuator
Type 1061
Position feedback


Similar Part No. - 2052

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2052 SCHURTER-2052 Datasheet
392Kb / 2P
CN Power Cord with IEC Appliance Connector C19, V-Lock, straight
logo
List of Unclassifed Man...
2052 ETC2-2052 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
logo
Christian Bürkert GmbH ...
2052 BURKERT-2052 Datasheet
1Mb / 15P
Position feedback unit for pneumatic rotary actuators
01.03.2024
2052 BURKERT-2052 Datasheet
662Kb / 11P
Ball valve for hygienic applications
18.01.2024
2052 BURKERT-2052 Datasheet
1Mb / 9P
Ball Valve, manually-operated
09.03.2022
More results

Similar Description - 2052

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130149-0005 MOLEX11-130149-0005 Datasheet
42Kb / 1P
Safeway Flanged Inlet, 2 Pole/2 Wire, NEMA 1-15, 125V
1301490005 MOLEX11-1301490005 Datasheet
35Kb / 1P
Safeway Flanged Inlet, 2 Pole/2 Wire, NEMA 1-15, 125V
logo
BELIMO AIRCONTROLS (USA...
CMB24-L-100D BELIMO-CMB24-L-100D Datasheet
557Kb / 5P
Pipe diameter 4??[DN 100] Torque motor 18 in-lb [2 Nm]
B207 BELIMO-B207 Datasheet
434Kb / 3P
Stainless Steel Ball and Stem
EV400SU-317 BELIMO-EV400SU-317 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
EV500SU-495 BELIMO-EV500SU-495 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
EV600SU-713 BELIMO-EV600SU-713 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
logo
SparkFun Electronics
ROB-13012 SPARKFUN-ROB-13012 Datasheet
91Kb / 1P
Ball Bearing - Flanged (1/4 Bore, 1/2 OD, 2-Pack)
2/12/2016
logo
Belden Inc.
TU-SDK-036-RN2 BELDEN-TU-SDK-036-RN2 Datasheet
198Kb / 2P
Tray, InOutdoor, DN, OS2, 36f, Unitized, Sgl Jkt, Blk, CPE, OFNR, Oil Res 1/2
2022 Belden, Inc
logo
BELIMO AIRCONTROLS (USA...
B224 BELIMO-B224 Datasheet
546Kb / 2P
2-way, Characterized Control Valve, Stainless Steel Ball and Stem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com