| Electronic Components Datasheet Search |
|
3004 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
3004 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG |
|
2 / 12 page ![]() Type 2651 Flange 2 | 12 Visit product website Table of contents 1. General Technical Data 3 2. Materials 3 2.1. Chemical Resistance Chart – Bürkert resistApp....................................................................................................................3 2.2. Material specifications ...........................................................................................................................................................4 DN 15…DN 100 .....................................................................................................................................................................4 DN 125…DN 200 ...................................................................................................................................................................5 3. Dimensions 6 3.1. DIN Flange acc. EN 1091 - 1 & EN 558 - 1 series 27 - F4 (DN 15…100) | F5 (DN 125…200) .................................................6 3.2. DIN Flange acc. EN 1091 - 1 & EN 558 - 1 series 1 - F1 .........................................................................................................7 3.3. ANSI/ASME B16.5 Class 150 ................................................................................................................................................8 3.4. ANSI/ASME B16.5 Class 300 ................................................................................................................................................9 4. Performance specifications 10 4.1. Pressure temperature diagram .............................................................................................................................................10 4.2. Torques ................................................................................................................................................................................10 4.3. Nominal flow ........................................................................................................................................................................10 5. Ordering information 10 5.1. Bürkert eShop – Easy ordering and quick delivery ..............................................................................................................10 5.2. Bürkert product filter ............................................................................................................................................................11 5.3. Ordering chart DIN Flange acc. EN 1091 - 1 & EN 558 - 1 series 27 - F4 (DN 15…100) | F5 (DN 125…200) .......................11 5.4. Ordering chart DIN Flange acc. EN 1091 - 1 & EN 558 - 1 series 1 - F1 ...............................................................................11 5.5. Ordering chart ANSI/ASME B16.5 Class 150 ......................................................................................................................11 5.6. Ordering chart ANSI/ASME B16.5 Class 300 ......................................................................................................................11 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |