Electronic Components Datasheet Search
  English  ▼

X  

8692 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 8692
Description  2/2 way diaphragm valve with pneumatic position- actuator (Type Classic)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8692 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 8692 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8692 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Type 2730
13 | 26
Visit product website 
4.5. Tube valve body (VP) with welded connection
Note:
• Dimensions in mm, unless otherwise stated
• For detailed information on the draining angle, please refer to the “Additional manual Type 2xxx 3xxx” on our website (see
operating instructions ).
L
Diaphragm size Port connection DN
Ø D1
s
L
h
H
Product
key1.)
ASME BPE/DIN 11866 series C
65
3"
76.2
1.65
250
46.3
84.4
SODK
80
4"
101.6
2.11
295
60
110.8
SODL
1.) This information is part of the product key (see product enquiry form at the end of this data sheet)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com