Electronic Components Datasheet Search
  English  ▼

X  

2961 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 2961
Description  Manually operated 2/2-way angle seat valve
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2961 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  2961 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2961 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2961 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2961 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2961 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2961 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2961 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2961 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2961 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Type 2920
4 | 14
Visit product website 
2.
Approvals and conformities
2.1. General notes
• The approvals and conformities listed below must be stated when making enquiries. This is the only way to ensure that the product
complies with all required specifications.
• Not all available versions can be supplied with the below mentioned approvals or conformities.
2.2. Conformity
In accordance with the Declaration of Conformity, the product is compliant with the EU Directives. This includes the following directives:
• Pressure Equipment Directive 2014/68/EU
2.3. Standards
The applied standards which are used to demonstrate compliance with the EU Directives are listed in the EU-Type Examination Certificate
and/or the EU Declaration of Conformity.
2.4. Explosion protection
Approval
Description
Optional: Explosion protection
As a category 2 device suitable for zone 1/21 and zone 2/22 (optional).
ATEX:
EPS 18 ATEX 2 008 X
II 2G Ex h IIC T4…T2 Gb
II 2D Ex h IIIC T135 °C…T300 °C Db
IECEx:
IECEx EPS 18.0007 X
Ex h IIC T4…T2 Gb
Ex h IIIC T135 °C…T300 °C Db
Temperature class
T2
T3
T4
Permissible surface temperature
+ 300 °C
+ 200 °C
+ 135 °C
Ambient temperature
Restrictions from the device
- 10…+ 60 °C
- 10…+ 60 °C
- 10…+ 60 °C
Maximum medium temperature
Restrictions from the device
+ 230 °C
+ 185 °C
+ 125 °C
2.5. Drinking water
Conformity
Description
Suitable for use in drinking water applications
The materials comply with the assessment principles (UBA) for materials in contact with drinking water
(TrinkwasserV).
Stainless steel body
PF39: Suitable for products with medium temperature up to 85 °C (hot water)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com