Electronic Components Datasheet Search
  English  ▼

X  

2933 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2933
Description  2/2-way diaphragm valve with manually operated actuator (FullFunction)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2933 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2933 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Visit product website 
DATA SHEET
Type 2933
2/2-way diaphragm valve
with manually operated
actuator (basic)
Type 2974
T-diaphragm valve with
manually operated
actuator (FullFunction)
Type 2975
Tank bottom diaphragm
valve with manually
operated actuator
(FullFunction)
Type 2031
2/2-way diaphragm valve
with pneumatic plastic
actuator (Type CLASSIC)
Type 2103
2/2-way diaphragm valve
with pneumatic stainless
steel actuator (Type ELE-
MENT) for decentralised
automation
Type 2063
2/2-way diaphragm valve
with pneumatic actuator
in stainless steel
(Type INOX)
Standard | EU | en | 2024 - 01 - 23 | 00
2/2-way diaphragm valve with manually operated actuator
(FullFunction)
• Valve body and diaphragm are available in different materials
and versions
• Wetted surfaces from Ra ≤ 0.38 µm...≤ 1.6 µm
(optionally electropolished)
• Available in all common connection sizes and variants
• Integrated locking
• Minimum and maximum stroke limitation
The Type 2973 manually operated diaphragm valve consists of a manually oper-
ated actuator, a diaphragm and a 2-way body. The manual actuator with plastic
handwheel ensures use in hygienic or aggressive ambient conditions. The flow-
optimised valve body with minimum dead space enables high flow values and
a wide range of possible applications. The valve body and the diaphragms are
available in all common materials and versions. The actuator has a compact,
autoclavable design and is compatible with all other Bürkert diaphragm valves.
An explosion-proof ATEX/IECEx device variant is available. The manual actuator
possesses a visual position indicator with reproducible stroke scale. The actuator
also possesses an adjustable minimum and maximum stroke limitation and/or
locking. The manual actuator can be optionally equipped with sensors for position
feedback.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 2973
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 2933

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2933 KR-2933 Datasheet
61Kb / 3P
30 MHz End of Passband < 3 dB
logo
Christian Bürkert GmbH ...
2933 BURKERT-2933 Datasheet
918Kb / 20P
2/2-way diaphragm valve with manually operated actuator (basic)
05.03.2024
2933 BURKERT-2933 Datasheet
763Kb / 14P
T-diaphragm valve with manually operated actuator (basic)
05.03.2024
2933 BURKERT-2933 Datasheet
785Kb / 12P
Tank bottom diaphragm valve with manually operated actuator (basic)
05.03.2024
logo
KR Electronics, Inc.
2933-SMA KR-2933-SMA Datasheet
75Kb / 3P
30 MHz End of Passband < 3 dB
More results

Similar Description - 2933

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT04-2P AMPHENOL-AT04-2P Datasheet
524Kb / 1P
Recpt, 2 Way
logo
Innovative Power Produc...
IPP-1025 IPP-IPP-1025 Datasheet
64Kb / 1P
OUTLINE 2 WAY
IPP-1092 IPP-IPP-1092 Datasheet
76Kb / 1P
OUTLINE 2 WAY
IPP-1141 IPP-IPP-1141 Datasheet
63Kb / 1P
OUTLINE 2 WAY
IPP-1188 IPP-IPP-1188 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1217 IPP-IPP-1217 Datasheet
61Kb / 1P
OUTLINE 2-WAY
IPP-1228 IPP-IPP-1228 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1241 IPP-IPP-1241 Datasheet
64Kb / 1P
OUTLINE 2-WAY
IPP-5006 IPP-IPP-5006 Datasheet
52Kb / 1P
OUTLINE 2-WAY
logo
Pulse A Technitrol Comp...
CX4002LNL PULSE-CX4002LNL Datasheet
300Kb / 2P
SPLITTER, 2-WAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com