Electronic Components Datasheet Search
  English  ▼

X  

2974 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 2974
Description  T-diaphragm valve with manually operated actuator (FullFunction)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2974 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 2974 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Type 2974
6 | 14
Visit product website 
3.2. Material specifications
Note:
Your product variant may differ from this illustration depending on the body and interface options.
4
1
2
3
5
6
7
8
9
No.
Element
Material
1
Lock pin
Stainless steel 1.4305
2
Screw
Stainless steel A2
3
Handwheel cover
Polyamide (PA)
4
Handwheel
Polyphenylene sulphide (PPS)
5
Visual position indicator Polyamide (PA)
6
Valve spindle
Stainless steel 1.4305
7
Diaphragm socket
Stainless steel 1.4308
8
Diaphragm
EPDM (AD), PTFE/EPDM (EA),
advanced PTFE/EPDM (EU),
GYLON®/laminated EPDM (ER)
9
Valve body
See “1. General technical data”
on page .
3.3. Example of available diaphragm materials
The diaphragms have been developed to meet the unique challenges of hygienic and sterile requirements. Bürkert offers diaphragms with
precise material composition and high accuracy. Bürkert diaphragms are available in a wide range of materials which have been tested and
proven in applications in the food and beverage, biotechnology, pharmaceutical and cosmetics industries. The diaphragms are tested
during development and production to ensure reliability under difficult process conditions.
• EPDM (AD)
• PTFE/EPDM (EA)
• Advanced PTFE/EPDM (EU)
• GYLON®/laminated EPDM (ER)
For further information please refer to our flyer “Diaphragm competence for hygienic applications” on our website .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com