Electronic Components Datasheet Search
  English  ▼

X  

2935 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2935
Description  Tank bottom diaphragm valve with manually operated actuator (FullFunction)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2935 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2935 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Visit product website 
DATA SHEET
Type 2935
Tank bottom diaphragm
valve with manually
operated actuator (basic)
Type 2973
2/2-way diaphragm valve
with manually operated
actuator (FullFunction)
Type 2974
T-diaphragm valve with
manually operated
actuator (FullFunction)
Type 2031
2/2-way diaphragm valve
with pneumatic plastic
actuator (Type CLASSIC)
Type 2103
2/2-way diaphragm valve
with pneumatic stainless
steel actuator (Type ELE-
MENT) for decentralised
automation
Type 2063
2/2-way diaphragm valve
with pneumatic actuator
in stainless steel
(Type INOX)
Standard | EU | en | 2024 - 01 - 23 | 00
Tank bottom diaphragm valve with manually operated
actuator (FullFunction)
• Valve body and diaphragm are available in different materials
and versions
• Wetted surfaces from Ra ≤ 0.38 µm...≤ 1.6 µm
(optionally electropolished)
• Available in all common connection sizes and variants
• Integrated locking
• Minimum and maximum stroke limitation
The Type 2975 manually operated diaphragm valve consists of a manually oper-
ated actuator, a diaphragm and a tank bottom valve body. The manual actuator
with plastic handwheel ensures use in hygienic or aggressive ambient conditions.
The flow-optimised valve body with minimum dead space enables high flow values
and a wide range of possible applications. The valve body and the diaphragms are
available in all common materials and versions. The actuator has a compact, auto-
clavable design and is compatible with all other Bürkert diaphragm valves. An
explosion-proof ATEX/IECEx device variant is available. The manual actuator
possesses a visual position indicator with reproducible stroke scale. The actuator
also possesses an adjustable minimum and maximum stroke limitation and/or
locking. The manual actuator can be optionally equipped with sensors for position
feedback.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 2975
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 2935

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2935 KR-2935 Datasheet
74Kb / 3P
71 MHz Center Frequency
logo
List of Unclassifed Man...
2935 ETC2-2935 Datasheet
249Kb / 1P
Safely control AC power from logic
logo
Christian Bürkert GmbH ...
2935 BURKERT-2935 Datasheet
785Kb / 12P
Tank bottom diaphragm valve with manually operated actuator (basic)
05.03.2024
2935 BURKERT-2935 Datasheet
918Kb / 20P
2/2-way diaphragm valve with manually operated actuator (basic)
05.03.2024
logo
Cornell Dubilier Electr...
29350B123JO0 CDE-29350B123JO0 Datasheet
3Mb / 11P
Cylindrical Case, High-Current and High-Voltage Circuits
More results

Similar Description - 2935

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
NPAK-0001 RALSTON-NPAK-0001 Datasheet
206Kb / 1P
NPAK Tank valve block, aluminum
NPAK-0050 RALSTON-NPAK-0050 Datasheet
206Kb / 1P
NPAK tube connecting tank fill valve to "tank pressure" gauge
logo
Pentair plc. All rights...
9100 PENTAIR-9100 Datasheet
306Kb / 2P
LIGHT COMMERCIAL/RESIDENTIAL TWIN TANK VALVE
9500 PENTAIR-9500 Datasheet
262Kb / 2P
1-1/2 INCH TWIN TANK CONTROL VALVE
logo
Festo Corporation.
VZPR-BPD-22-R1 FESTO-VZPR-BPD-22-R1 Datasheet
91Kb / 1P
Ball valve actuator unit
VZPR-BPD-22-R12 FESTO-VZPR-BPD-22-R12 Datasheet
91Kb / 1P
Ball valve actuator unit
VZPR-BPD-22-R14 FESTO-VZPR-BPD-22-R14 Datasheet
92Kb / 1P
Ball valve actuator unit
VZPR-BPD-22-R34 FESTO-VZPR-BPD-22-R34 Datasheet
92Kb / 1P
Ball valve actuator unit
logo
CUI Devices
CPT-2064-L100 CUID-CPT-2064-L100 Datasheet
353Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2065-L100 CUID-CPT-2065-L100 Datasheet
311Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com