Electronic Components Datasheet Search
  English  ▼

X  

2671 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 2671
Description  Electrical Rotary Actuator - On/Off and control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2671 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  2671 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2671 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2671 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2671 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2671 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2671 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2671 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2671 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2671 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Type 3005
PS
4 | 9
Visit product website 
1.2. Electrical data
Actuator
Power supply
Voltage
Version
Torque
230 V AC 1~ 115 V AC 1~ 24 V AC 1~
400 V 3~
24 V DC
On/Off
actuator
100 Nm
Frequency [Hz]
50
60
50
60
50
60
50
60
–
Rotation time 90° [s]
23
19
23
19
23
19
23
19
–
Nominal current [A]
0.12
0.23
1.1
0.0651.)
–
Max. current [A]
0.14
0.28
1.3
0.0751.)
–
Power consumption2.) [W] 27
27
27
45
–
130 Nm
Frequency [Hz]
–
–
–
–
–
Rotation time 90° [s]
–
–
–
–
32
Nominal current [A]
–
–
–
–
1.3
Max. current [A]
–
–
–
–
2.5
Power consumption2.) [W] –
–
–
–
31
150 Nm
Frequency [Hz]
50
60
50
60
50
60
50
60
–
Rotation time 90° [s]
23
19
23
19
23
19
23
19
–
Nominal current [A]
0.17
0.3
1.5
0.081.)
–
Max. current [A]
0.2
0.36
1.8
0.11.)
–
Power consumption2.) [W] 39
39
39
55
–
1.) Per phase
2.) With max. torque and 50 Hz
2.
Materials
2.1. Chemical Resistance Chart – Bürkert resistApp
Bürkert resistApp – Chemical Resistance Chart
You want to ensure the reliability and durability of the materials in your individual
application case? Verify your combination of media and materials on our website or in
our resistApp.
Start Chemical Resistance Check



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com