Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  2/2 way Diaphragm Valve with plastic body, pneumatically operated, DN12 and 15
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8640 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3230
p. 1/3
www.burkert.com
• Can be used for aggressive medium
• Body versions: threaded port and true union
connection
• Compact design
2/2 way Diaphragm Valve with
plastic body, pneumatically operated,
DN12 and 15
Technical data
Orifice
DN12 and 15
Body material
PVC-U, PP
Seal material
EPDM
Actuator material
PP, glass-fibre reinforced
Medium
Neutral or aggressive medium that do not attack the
body and seal materials
Medium temperature
See chart next page
Ambient temperature
0 to + 60 °C
Control medium
Lubricated/unlubricated compressed air and other
neutral medium (e.g., water)
Pilot pressure
Max. 7 bar, please see chart next page
Port connections
True union Ø16, threaded port G
⅜
True union Ø20 radially expandable
Installation
As required, preferably with actuator in upright position
2/2 way plastic diaphragm valve, pilot oper-
ated with pneumatic actuator and spring return.
Used for polluted medium in process and water
technology.
Special features (as standard)
• Stroke limitation
• Optical position indicator
• Polluted medium
Type 3230 can be combined with...
Type 6012/6014 P
Pilot valve
Type 8640/8644
Valve block


Similar Part No. - 8640

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8640 GILWAY-8640 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
List of Unclassifed Man...
8640 ETC2-8640 Datasheet
367Kb / 1P
LEVER ACTION PC CARD EJECTORS
logo
Heyco.
8640 HEYCO-8640 Datasheet
130Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
logo
Christian Bürkert GmbH ...
8640 BURKERT-8640 Datasheet
6Mb / 32P
Modular valve island for pneumatics
04.10.2023
8640 BURKERT-8640 Datasheet
1,009Kb / 9P
Single phase primary switched power supply
01.10.2019
More results

Similar Description - 8640

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
003-0137-900 SENSORTECHNICS-003-0137-900 Datasheet
99Kb / 4P
General purpose 2-way and 3-way soleniod valves
logo
Amphenol Corporation
AT04-2P AMPHENOL-AT04-2P Datasheet
524Kb / 1P
Recpt, 2 Way
logo
Innovative Power Produc...
IPP-1141 IPP-IPP-1141 Datasheet
63Kb / 1P
OUTLINE 2 WAY
IPP-1188 IPP-IPP-1188 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1217 IPP-IPP-1217 Datasheet
61Kb / 1P
OUTLINE 2-WAY
IPP-1228 IPP-IPP-1228 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1241 IPP-IPP-1241 Datasheet
64Kb / 1P
OUTLINE 2-WAY
IPP-5006 IPP-IPP-5006 Datasheet
52Kb / 1P
OUTLINE 2-WAY
logo
Pulse A Technitrol Comp...
CX4002LNL PULSE-CX4002LNL Datasheet
300Kb / 2P
SPLITTER, 2-WAY
logo
BELIMO AIRCONTROLS (USA...
B224 BELIMO-B224 Datasheet
546Kb / 2P
2-way, Characterized Control Valve, Stainless Steel Ball and Stem
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com