Electronic Components Datasheet Search
  English  ▼

X  

2516 Datasheet(PDF) 17 Page - Christian Bürkert GmbH & Co. KG

Part # 2516
Description  3/2- or 4/2-way solenoid valve for pneumat-ics
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2516 Datasheet(HTML) 17 Page - Christian Bürkert GmbH & Co. KG

Back Button 2516 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 2516 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Type 5470
17 | 18
Visit product website 
Cable plug Type 2516, form C according to DIN EN 175301 - 803
Note:
• Delivery of cable plug includes a flat seal and a fixing screw.
• For further versions see data sheet Type 2516 .
Cable plug
Dimensions
Version
Voltage
Article no.
15.8
8
28
approx. 10
M2.5
15.8
(16.8)max.
Without circuitry
0…250 V AC/DC
303141
With LED
12…24 V AC/DC
303145
With LED and varistor
12…24 V AC/DC
303148
With rectifier, LED and
varistor
12…24 V AC/DC
303142
Further accessories
Description
Article no.
3x extendable cable plug Type 1057-SA, IP20, with looped-through neutral and protective conductors (only for
24 V DC)
629253 
Control line with AMP plug length 540 mm
629181 
Standard rail 300 mm for block 8…12-fold with intermediate feed (ZE) or for block 8…14-fold without ZE
640789 
Standard rail 408 mm for block 13…17-fold with intermediate feed (ZE) or for block 15…19-fold without ZE
640788 
Standard rail 498 mm for block 17…22-fold with 2 intermediate feeds (ZE) or for block 18…23-fold without 1 ZE
630579 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com