Electronic Components Datasheet Search
  English  ▼

X  

8036 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8036
Description  Tank bottom diaphragm valve with hand actu-ator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8036 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8036 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Type 3235
Visit product website 
DATA SHEET
Manually operated diaphragm valve
Type 2034
Multifunction block and
weld solution
Type 2031
2/2 way diaphragm
valve with pneumatic
plastic actuator (Type
CLASSIC)
Type 2063
2/2 way diaphragm
valve with pneumatic
actuator in stainless
steel (Type INOX )
Type 2036
Robolux multiway
multiport diaphragm
valve, pneumatically
operated
Type 8036
INLINE flowmeter with
paddle wheel, ELE-
MENT design
1000450621 | Standard | EU | en | 202110 | 02
Tank bottom diaphragm valve with hand actu-
ator
• Valve housing and diaphragm available in various materials and
designs
• Surfaces in contact with the product from Ra ≤ 0.38 µm…1.6 µm
(optionally electropolished)
• Available in all common connection sizes and variants
The manually operated diaphragm valve, Type 3235, consists of a manually
operated actuator, a diaphragm and a tank bottom valve housing. The manual
actuator with either a plastic or stainless steel handwheel ensures use under
hygienic or aggressive environmental conditions. The flow-efficient valve
housing with little dead space enables high flow rates and a wide range of
possible uses. The valve housing and the diaphragm are available in all com-
mon materials and designs. The actuator has a compact, autoclavable design
and is compatible with all other Bürkert diaphragm valves. An explosion-proof
ATEX/IECEx device variant is available.
The add-on housing and the handwheel are available in plastic or stainless
steel and are equipped with an integrated optical position indicator. In addi-
tion, the manual actuator can be equipped with a stroke limiter, sensors for
position feedback and a locking function.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8036

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8036 ETC2-8036 Datasheet
90Kb / 1P
TYPE N MALE TO TYPE N FEMALE ADAPTER
logo
Heyco.
8036 HEYCO-8036 Datasheet
173Kb / 1P
Specialty Pins
logo
Christian Bürkert GmbH ...
8036 BURKERT-8036 Datasheet
933Kb / 12P
Inline flowmeter with paddle wheel, ELEMENT design
12.02.2024
8036 BURKERT-8036 Datasheet
1Mb / 28P
2/2-way diaphragm valve with manually operated actuator
04.11.2021
8036 BURKERT-8036 Datasheet
1Mb / 18P
T-diaphragm valve with manually operated actuator
15.03.2022
More results

Similar Description - 8036

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
NPAK-0001 RALSTON-NPAK-0001 Datasheet
206Kb / 1P
NPAK Tank valve block, aluminum
NPAK-0050 RALSTON-NPAK-0050 Datasheet
206Kb / 1P
NPAK tube connecting tank fill valve to "tank pressure" gauge
logo
Pentair plc. All rights...
9100 PENTAIR-9100 Datasheet
306Kb / 2P
LIGHT COMMERCIAL/RESIDENTIAL TWIN TANK VALVE
9500 PENTAIR-9500 Datasheet
262Kb / 2P
1-1/2 INCH TWIN TANK CONTROL VALVE
logo
Festo Corporation.
VHEF-HS-B53C-G14 FESTO-VHEF-HS-B53C-G14 Datasheet
86Kb / 2P
Hand lever valve
VHEF-HS-B53E-G18 FESTO-VHEF-HS-B53E-G18 Datasheet
88Kb / 2P
Hand lever valve
VHEF-HS-M52-M-G14 FESTO-VHEF-HS-M52-M-G14 Datasheet
90Kb / 2P
Hand lever valve
VHER-H-B43C-G18 FESTO-VHER-H-B43C-G18 Datasheet
100Kb / 2P
Hand lever valve
VHER-P-H-B43C-M5 FESTO-VHER-P-H-B43C-M5 Datasheet
102Kb / 2P
Hand lever valve
VHER-P-H-B43E-B-G12 FESTO-VHER-P-H-B43E-B-G12 Datasheet
101Kb / 2P
Hand lever valve
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com