Electronic Components Datasheet Search
  English  ▼

X  

AR3 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # AR3
Description  Analog Rocker
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

AR3 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  AR3 Datasheet HTML 1Page - Sensata Technologies, Inc. AR3 Datasheet HTML 2Page - Sensata Technologies, Inc. AR3 Datasheet HTML 3Page - Sensata Technologies, Inc. AR3 Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
Life
> 2 million cycles
Operating temperature
- Storage
- Working
- 40°C to 85°C
- 35°C to 70°C
Operating force
4-6 N
Vertical load maximum
30 N
Protection Level
IP 65 (from above when mounted)
Rocker deflection angle
± 30°
DIMENSIONS
Mechanical
Module actuator shape 01
Module actuator shape 02
Module actuator shape 05



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com