Electronic Components Datasheet Search
  English  ▼

X  

FSCL Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # FSCL
Description  FLIGHT SPOILER CONTROL LEVER (FSCL)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

FSCL Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  FSCL Datasheet HTML 1Page - Sensata Technologies, Inc. FSCL Datasheet HTML 2Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
| FLIGHT SPOILER CONTROL LEVER (FSCL)
SPECIFICATIONS
Description
Features
• Mandatory stop at MAX with push button override to go to Emergency
position
• 4-Channel RVDT position feedback
• Locked stow
• Emergency position gated to prevent inadvertent movement
• 9 soft detents
• LED illuminated panel (LRU)
• Simple 4-screw mount permits rapid line replacement with minimal
tools.
Kavlico’s Flight Spoiler Control Lever (FSCL) meets the small envelope, minimum weight, and high reliability demanded by today’s aerospace industry.
The design of the FSCL contains many features common to Kavlico’s overall line of pilot control products. The FSCL’s high reliability and durability have
been verified through extensive qualification and endurance testing.
The lever is locked in the stow position. Once the button is depressed on the handle, the lever can be released from the stow position. As the lever
moves, the output signals from the RVDTs change continuously. These signals are processed in the override to go to Emergency position flight control
computer and the spoilers move to the commanded position (1/4, 1/2, 3/4, Max and Emer).
Four single channel RVDTs are connected to a lever through a geared mechanism, command signals generated are sent via two MIL-DTL-D38999, Series
III connectors to the on board avionic system.
Six Positions
5 positions and 1 gated position
Stow
Locked position, depress button to go out of stow
Operating Force
2.5 to 5 lbs. (11 to 22N)
Mechanical Travel
48 degrees
Angled Handle
White semi-gloss, color 27875 per FED-STD-595
Light Panel
Light panel per Mii-P-7788, class
2-BW, SAE 7788, Type VII (LED), 5VDC
Electrical Receptacles
MIL-DTL-D38999 Connectors, Series III
Weight
3.25 lbs. (1.5 kg.) Max.


Similar Part No. - FSCL

ManufacturerPart #DatasheetDescription
logo
HolyStone International
FSC HOLYSTONECAPS-FSC Datasheet
233Kb / 4P
Large Size Multilayer Ceramic Chip Capacitors
logo
Advanced Thermal Soluti...
FSC-200 ATS-FSC-200 Datasheet
584Kb / 1P
FAN SPEED CONTROLLER
R2_0215
logo
Huber+Suhner, Inc.
FSC-CMAX-A101_100-P HUBERSUHNER-FSC-CMAX-A101_100-P Datasheet
291Kb / 2P
SC connector, SM, High-end, UPC, blue
FSC-CMAX-A600_100-P HUBERSUHNER-FSC-CMAX-A600_100-P Datasheet
289Kb / 2P
SC connector, SM, High-end, APC, green
FSC-CMAX-B101_100-P HUBERSUHNER-FSC-CMAX-B101_100-P Datasheet
289Kb / 2P
SC connector, G50/125, G62.5/125, PC, beige
More results

Similar Description - FSCL

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
SCS750 MAXWELL-SCS750 Datasheet
2Mb / 5P
FLIGHT MODULE
logo
Texas Instruments
OPT9221 TI-OPT9221_15 Datasheet
1Mb / 104P
OPT9221 Time-of-Flight Controller
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
OPT8320 3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
Time-of-Flight Sensor Array
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
Time-of-Flight Companion Chip
logo
ams AG
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
Time-of-Flight Sensor
2019-July-22
logo
SparkFun Electronics
ROB-14841 SPARKFUN-ROB-14841 Datasheet
238Kb / 3P
Pixhawk 4 Flight Controller
10??4??8
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
Time-of-Flight Sensor
v2-00 2023-Feb-21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com