Electronic Components Datasheet Search
  English  ▼

X  

LEVER Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # LEVER
Description  Pressure Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEVER Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  LEVER Datasheet HTML 1Page - Sensata Technologies, Inc. LEVER Datasheet HTML 2Page - Sensata Technologies, Inc. LEVER Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
Dimensions in mm [Inch]
DIMENSIONS
Cut Out Dimensions
Electrical Schematic
SPECIFICATIONS
Inadvertency Protection
Continuous duty solenoid down-lock with manual over-ride
Operating Force
2.5 to 5 lbs. (11 to 22N)
Travel Output-Mechanical
40 degrees
Control Knob
Wheel shaped per Far Part 25.781, color 37875
Panel Illumination
MIL-P-7788 or SAE 7788, Type VII (LEO), with 5VDC with variable dimming
Control Switches
Gold Plated contacts, sealed (6 each)
Electrical Receptacle
MIL-DTL-D38999 Connectors/20FD35PN
Color Scheme
Fed-Std 595, color 36118 (lusterless gray)
Markings
Color 37875 (White)
Weight
1.76 lbs. (0.8 Kg.) Max.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com