Electronic Components Datasheet Search
  English  ▼

X  

M700 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # M700
Description  DC PUMP MOTOR CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

M700 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  M700 Datasheet HTML 1Page - Sensata Technologies, Inc. M700 Datasheet HTML 2Page - Sensata Technologies, Inc. M700 Datasheet HTML 3Page - Sensata Technologies, Inc. M700 Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.sensata.com
Page 2
Copyright © 2021 Sensata Technologies Inc.
Environmental
Operating Temperature
-40 °C to 50 °C
Storage Temperature
-40 °C to 85 °C
Humidity
70%R.H
Protection Level
IP54
Mechanical Shock
50g@12s for 3 times for each direction
Random Vibration
10Hz to 2000Hz, 5.58g @2h at each axis
EMC
EN 55022
EN 61000-3-2
EN 61000-3-3
IEC 61000-4-2
IEC 61000-4-3
IEC 61000-4-4
IEC 61000-4-5
IEC 61000-4-6
IEC 61000-4-8
IEC 61000-4-11
• Redundant hardware and software
• J4: ADMA TECH DMF-04-R-N.
• J6: ADMA TECH DMM-04-R-N-P-MT-V0
• Two Driver output with max 2A
B+
Positive pole of battery
B-
Negative pole of battery
M-
Negative pole of motor
J1
Key switch connection
J2
Connection to wire 1 of 2-wire rheostat
J3
Connection to wire 2 of 2-wire rheostat, or voltage throttle input
J4
Pin 1
RX
J6
Pin 2
GND
Pin 3
TX
Pin 4
+12.7V
Pin 1
DRIVER OUTPUT
Pin 2
Interlock
Pin 3
CANL
Pin 4
CANH
Connections
Compliance
• EMC: Designed to the requirements of EN12895.
• Safety: Designed to the requirements of EN1175
• Accord with UL 583



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com