Electronic Components Datasheet Search
  English  ▼

X  

TMD26203 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # TMD26203
Description  Proximity Sensor Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26203 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button TMD26203 Datasheet HTML 7Page - OSRAM GmbH TMD26203 Datasheet HTML 8Page - OSRAM GmbH TMD26203 Datasheet HTML 9Page - OSRAM GmbH TMD26203 Datasheet HTML 10Page - OSRAM GmbH TMD26203 Datasheet HTML 11Page - OSRAM GmbH TMD26203 Datasheet HTML 12Page - OSRAM GmbH TMD26203 Datasheet HTML 13Page - OSRAM GmbH TMD26203 Datasheet HTML 14Page - OSRAM GmbH TMD26203 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Page 10
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-23
TMD2620 − Register Description
WTIME Register (0x83)
Figure 14:
WTIME Register
The wait timer is implemented with a down counter with 0x00
as the terminal count. Loading 0x00 will generate a 2.81ms wait
time, loading 0x01 will generate a 5.6ms wait time, and so forth;
by asserting wlong, in register 0x8D the wait time is given in
multiples of 33.8ms (12x).
Addr :0x83
WTIME
Field
Name
Reset
Type
Description
7:0
wtime
0x00
RW
Wait Time. Eight bit value that specifies the time
Value
Wait Cycles
Wait Time
0x00
1
2.81ms/ 33.8ms
0x01
2
5.6ms/ 67.6ms
...
...
...
0x3f
63
180ms/ 2.16s
...
...
...
0xff
255
721ms/ 8.65s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com